Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

G8VA-1A4T-R Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G8VA-1A4T-R
Description  Automotive low profile micro 280 terminal layout relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G8VA-1A4T-R Datasheet(HTML) 1 Page - Omron Electronics LLC

  G8VA-1A4T-R Datasheet HTML 1Page - Omron Electronics LLC G8VA-1A4T-R Datasheet HTML 2Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
G8VA
Automotive low profile micro 280 terminal layout relay
This world's smallest Plug-in
relay. Versatile usage for sever-
al different kinds of applica-
tions inside the relay boxes.
• Miniaturized package (reduced footprint and
height)
• L x W x H = 15.5 x 15.0 x 16.4 mm nominal
• 280-terminal type
• Full automated assembly
■ Type standard
G8VA-
@@@@-@
➀➁ ➂➃ ➄
■ Classification
■ Ratings
● Operation coil
● Switching area
Classification
Symbol
Meaning of the symbol
Number of contact poles
1
Number of contact poles
Contact structure
A
1a contact
Protective structure
4
Simple plastic seal
Terminal form
T
Plug-in type
Surge suppressor
R
Built-in resistor
Classification
Terminal form
Contact structure
Protective structure
Rated coil voltage
Type
Voltage (V)
Resistance (
)
Micro 280
Plug-in 280 terminal
SPST (1a)
Simple plastic seal
DC12
132
G8VA-1A4T-R
Rated
voltage
(V)
Coil resistance (
)
Rated
current
(mA)
Operating
voltage
(V)
Release
voltage
(V)
Service voltage
range
(V)
Rated power
consumption
(mA)
Between
terminals
Internal coil
Surge
suppressor
resistance
DC12
132
150
1/4W 1.1k
90.9
7.5 or less
1.0 or more
DC10 to 16
1091
Item
Performance
Contact material
Silver alloy
Rated voltage
DC12V
Rated load
Resistance load, 15A
Inrush current
80A
Continuous carry current*1
15A
Min. Carry / Switching Current
DC12V 1A
Please confirm Omron Safety Precautions for all automotive relays first.
Omron can not guarantee automotive relays before finish making a contract with product specifications.


Similar Part No. - G8VA-1A4T-R

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G8V OMRON-G8V Datasheet
733Kb / 3P
Micro 280 terminal layout
G8V-1A7T-R OMRON-G8V-1A7T-R Datasheet
733Kb / 3P
Micro 280 terminal layout
G8V-1A7T-R-DC12 OMRON-G8V-1A7T-R-DC12 Datasheet
733Kb / 3P
Micro 280 terminal layout
G8V-1C7T-R OMRON-G8V-1C7T-R Datasheet
733Kb / 3P
Micro 280 terminal layout
G8V-1C7T-R-DC12 OMRON-G8V-1C7T-R-DC12 Datasheet
733Kb / 3P
Micro 280 terminal layout
More results

Similar Description - G8VA-1A4T-R

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
ACV11012 NAIS-ACV11012 Datasheet
134Kb / 4P
AUTOMOTIVE LOW PROFILE MICRO-ISO/MICRO-280 RELAY
logo
Omron Electronics LLC
G8V-RH OMRON-G8V-RH Datasheet
581Kb / 5P
High-Current Micro 280 Automotive Relay
G8W OMRON-G8W Datasheet
168Kb / 4P
Mini-280 Automotive Relay
logo
Panasonic Semiconductor
ACR22 PANASONIC-ACR22 Datasheet
89Kb / 4P
AUTOMOTIVE LOW PROFILE MICRO-ISO RELAY
logo
Omron Electronics LLC
G8V OMRON-G8V Datasheet
733Kb / 3P
Micro 280 terminal layout
logo
American Electronic Com...
DG91 AEC-DG91 Datasheet
275Kb / 3P
micro 280 automotive relay
logo
Willow Technologies Ltd
DG91 WILLOW-DG91 Datasheet
269Kb / 3P
micro 280 automotive relay
logo
OEN India Limited
OEN83 OENINDIA-OEN83 Datasheet
383Kb / 2P
AUTOMOTIVE LOW PROFILE MICRO RELAY
logo
Omron Electronics LLC
G8W OMRON-G8W_V01 Datasheet
901Kb / 4P
Mini 280 terminal layout
G8V-RH OMRON-G8V-RH_V01 Datasheet
340Kb / 3P
High current Micro 280 terminal layout
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com