Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TU24C64CS3 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TU24C64CS3
Description  CMOS I짼C 2-WIRE BUS 64K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 8K X 8 BIT EEPROM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TU24C64CS3 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TU24C64CS3 Datasheet HTML 1Page - List of Unclassifed Manufacturers TU24C64CS3 Datasheet HTML 2Page - List of Unclassifed Manufacturers TU24C64CS3 Datasheet HTML 3Page - List of Unclassifed Manufacturers TU24C64CS3 Datasheet HTML 4Page - List of Unclassifed Manufacturers TU24C64CS3 Datasheet HTML 5Page - List of Unclassifed Manufacturers TU24C64CS3 Datasheet HTML 6Page - List of Unclassifed Manufacturers TU24C64CS3 Datasheet HTML 7Page - List of Unclassifed Manufacturers TU24C64CS3 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
24C64
DESCRIPTION (Continued)
For a write operation, the master issues a start condition,
device address byte, 2 memory address bytes, and then up
to 32 data bytes. The Turbo IC 24C64 acknowledges after
each byte transmission. To terminate the transmission, the
master issues a stop condition by pulling SDA from low to
high while SCL is high.
For a read operation, the master issues a start condition and
a device address byte. The Turbo IC 24C64 acknowledges,
and then transmits a data byte, which is accessed from the
EEPROM memory.The master acknowledges, indicating that
it requires more data bytes. The Turbo IC 24C64 transmits
more data bytes, with the memory address counter auto-
matically incrementing for each data byte, until the master
does not acknowledge, indicating that it is terminating the
transmission. The master then issues a stop condition.
DEVICE OPERATION:
BIDIRECTIONAL BUS PROTOCOL:
The Turbo IC 24C64 follows the extended I²C bus protocol.
The protocol defines any device that sends data onto the
SDA bus as a transmitter, and the receiving device as a re-
ceiver. The device controlling the transfer is the master and
the device being controlled is the slave. The master always
initiates the data transfers, and provides the clock for both
transmit and receive operations. The Turbo IC 24C64 acts as
a slave device in all applications. Either the master or the
slave can take control of the SDA bus, depending on the
requirement of the protocol.
START/STOP CONDITION AND DATA TRANSITIONS:
While SCL clock is high, a high to low transition on the SDA
bus is recognized as a START condition which precedes any
read or write operation. While SCL clock is high, a low to
high transition on the SDA bus is recognized as a STOP con-
dition which terminates the communication and places the
Turbo IC 24C64 into standby mode. All other data transitions
on the SDA bus must occur while SCL clock is low to ensure
proper operation.
ACKNOWLEDGE:
All data is serially transmitted in bytes (8 bits) on the SDA
bus. The acknowledge protocol is used as a handshake sig-
nal to indicate successful transmission of a byte of data. The
bus transmitter, either the master or the slave (Turbo IC
24C64), releases the bus after sending a byte of data on the
SDA bus. The receiver pulls the SDA bus low during the ninth
clock cycle to acknowledge the successful transmission of a
byte of data. If the SDA is not pulled low during the ninth
clock cycle, the Turbo IC 24C64 terminates the data trans-
mission and goes into standby mode.
For the write operation, the Turbo IC 24C64 acknowledges
after the device address byte, acknowledges after each
memory address byte, and acknowledges after each subse-
quent data byte.
For the read operation, the Turbo IC 24C64 acknowledges
after the device address byte.Then the Turbo IC 24C64 trans-
mits each subsequent data byte, and the master acknowl-
edges after each data byte transfer, indicating that it requires
more data bytes. The Turbo IC 24C64 monitors the SDA bus
for the acknowledge. To terminate the transmission, the mas-
ter does not acknowledge, and then sends a stop condition.
Write Cycle Timing
Note: The write cycle time t
WC is the time from a valid stop condition of a write sequence to the end of the internal clear / write cycle.
SCL
SDA
WORD n
8th BIT
ACK
STOP
CONDITION
START
CONDITION
t
WC
Turbo IC, Inc.
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com