Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TU24C64CS2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TU24C64CS2
Description  CMOS I짼C 2-WIRE BUS 64K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 8K X 8 BIT EEPROM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TU24C64CS2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TU24C64CS2 Datasheet HTML 1Page - List of Unclassifed Manufacturers TU24C64CS2 Datasheet HTML 2Page - List of Unclassifed Manufacturers TU24C64CS2 Datasheet HTML 3Page - List of Unclassifed Manufacturers TU24C64CS2 Datasheet HTML 4Page - List of Unclassifed Manufacturers TU24C64CS2 Datasheet HTML 5Page - List of Unclassifed Manufacturers TU24C64CS2 Datasheet HTML 6Page - List of Unclassifed Manufacturers TU24C64CS2 Datasheet HTML 7Page - List of Unclassifed Manufacturers TU24C64CS2 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CMOS I²C 2-WIRE BUS
64K ELECTRICALLY ERASABLE PROGRAMMABLE ROM
8K X 8 BIT EEPROM
Turbo IC, Inc.
24C64
SERIAL DATA (SDA)
SDA is a bidirectional pin used to transfer data
in and out of the Turbo IC 24C64. The pin is an
open-
WRITE PROTECT (WP)
When the write protect input is connected to Vcc,
the upper quadrant of memory (1800-1FFFH) is
protected against write operations. For normal
write operation, the write protect pin should be
grounded. When this pin is left unconnected, WP
is interpreted as zero.
PIN DESCRIPTION
DEVICE ADDRESSES (A2-A0)
The address inputs are used to define the 3 least
significant bits of the 7-bit device address code -
1010 (A2) (A1) (A0). These pins can be con-
nected either high or low. A maximum of eight
Turbo IC 24C64 can be connected in parallel,
each with a unique device address. When these
pins are left unconnected, the device addresses
are interpreted as zero.
drain output. A pullup resistor must be connected
from SDA to Vcc.
SERIAL CLOCK (SCL)
The SCL input synchronizes the data on the SDA
bus. It is used in conjunction with SDA to define
the start and stop conditions. It is also used in
conjunction with SDA to transfer data to and from
the Turbo IC 24C64.
1
2
3
4
5
6
7
8
A0
A1
A2
GND
VCC
WP
SCL
SDA
8 pin PDIP
1
2
3
4
5
6
7
8
A0
A1
A2
GND
VCC
WP
SCL
SDA
8 pin SOIC
PIN DESCRIPTION
DESCRIPTION:
The Turbo IC 24C64 is a serial 64K EEPROM fabricated
with Turbo’s proprietary, high reliability, high performance
CMOS technology. It’s 64K of memory is organized as 8,192
x 8 bits. The memory is configured as 256 pages with each
page containing 32 bytes. This device offers significant ad-
vantages in low power and low voltage applications.
The Turbo IC 24C64 uses the extended I²C addressing pro-
tocol and 2-wire serial interface which includes a bidirec-
tional serial data bus synchronized by a clock. It offers a
flexible byte write and a faster 32-byte page write. The data
in the upper quadrant of memory can be protected by a
write protect pin.
The Turbo IC 24C64 is assembled in either a 8-pin PDIP or
8-pin SOIC package. Pin #1 (A0), #2 (A1), and #3 (A2) are
device address input pins which are hardwired by the user.
Pin #4 is the ground (Vss). Pin #5 is the serial data (SDA)
pin used for bidirectional transfer of data. Pin #6 is the serial
clock (SCL) input pin. Pin #7 is the write protect (WP) input
pin, and Pin #8 is the power supply (Vcc) pin.
All data is serially transmitted in bytes (8 bits) on the SDA
bus. To access the Turbo IC 24C64 (slave) for a read or
write operation, the controller (master) issues a start condi-
tion by pulling SDA from high to low while SCL is high. The
master then issues the device address byte which consists
of 1010 (A2) (A1) (A0) (R/W). The 4 most significant bits
(1010) are a device type code signifying an EEPROM de-
vice. The A[2:0] bits represent the input levels on the 3 de-
vice address input pins. The read/write bit determines
whether to do a read or write operation. After each byte is
transmitted, the receiver has to provide an acknowledge by
pulling the SDA bus low on the ninth clock cycle. The ac-
knowledge is a handshake signal to the transmitter indicat-
ing a successful data transmission.
FEATURES :
• Extended Power Supply Voltage
Single Vcc for Read and Programming
(Vcc = 2.7 V to 5.5 V)
• Low Power (Isb = 2µa @ 5.5 V)
• Extended I²C Bus, 2-Wire Serial Interface
• Support Byte Write and Page Write (32 Bytes)
• Automatic Page write Operation (maximum 10 ms)
Internal Control Timer
Internal Data Latches for 32 Bytes
• Hardware Data Protection by Write Protect Pin
• High Reliability CMOS Technology with EEPROM Cell
Endurance : 1,000,000 Cycles
Data Retention : 100 Y
ears
1


Similar Part No. - TU24C64CS2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TU24C04 ETC2-TU24C04 Datasheet
39Kb / 8P
CMOS I2C 2-WIRE BUS 4K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 512 X 8 BIT EEPROM
TU24C04BP ETC2-TU24C04BP Datasheet
39Kb / 8P
CMOS I2C 2-WIRE BUS 4K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 512 X 8 BIT EEPROM
TU24C04BP3 ETC2-TU24C04BP3 Datasheet
39Kb / 8P
CMOS I2C 2-WIRE BUS 4K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 512 X 8 BIT EEPROM
TU24C04BP3I ETC2-TU24C04BP3I Datasheet
39Kb / 8P
CMOS I2C 2-WIRE BUS 4K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 512 X 8 BIT EEPROM
TU24C04BPI ETC2-TU24C04BPI Datasheet
39Kb / 8P
CMOS I2C 2-WIRE BUS 4K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 512 X 8 BIT EEPROM
More results

Similar Description - TU24C64CS2

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM28C64A SAMSUNG-KM28C64A Datasheet
364Kb / 12P
8K x 8 BIT CMOS ELECTRICALLY ERASABLE PROM
logo
Microchip Technology
28C64A MICROCHIP-28C64A Datasheet
67Kb / 8P
64K (8K x 8) CMOS EEPROM
1996
logo
Anachip Corp
AM24LC08 ANACHIP-AM24LC08 Datasheet
202Kb / 10P
2-Wire Serial 8K-Bit (1024 x 8) CMOS Electrically Erasable PROM
Rev.A1 Oct 20, 2003
logo
Hitachi Semiconductor
HN58C65 HITACHI-HN58C65 Datasheet
152Kb / 16P
8192-word X 8-bit Electrically Erasable and Programmable CMOS ROM
logo
List of Unclassifed Man...
24C08 ETC1-24C08 Datasheet
45Kb / 8P
CMOS IC 2-WIRE BUS 8K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 1K X 8 BIT EEPROM
24C01 ETC1-24C01 Datasheet
45Kb / 8P
CMOS I2C 2-WIRE BUS 1K/2K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 128/256 X 8 BIT EEPROM
24C04 ETC1-24C04 Datasheet
44Kb / 8P
CMOS I2C 2-WIRE BUS 4K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 512 X 8 BIT EEPROM
24C128 ETC1-24C128 Datasheet
44Kb / 8P
CMOS I2C 2-WIRE BUS 128K/256K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 16K/32K X 8 BIT EEPROM
TU24C04 ETC2-TU24C04 Datasheet
39Kb / 8P
CMOS I2C 2-WIRE BUS 4K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 512 X 8 BIT EEPROM
logo
Microchip Technology
28C64A MICROCHIP-28C64A_04 Datasheet
131Kb / 10P
64K (8K x 8) CMOS EEPROM
2004
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com