Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASB85-4-331-10M Datasheet(PDF) 21 Page - Lumberg

Part # ASB85-4-331-10M
Description  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

ASB85-4-331-10M Datasheet(HTML) 21 Page - Lumberg

Back Button ASB85-4-331-10M Datasheet HTML 17Page - Lumberg ASB85-4-331-10M Datasheet HTML 18Page - Lumberg ASB85-4-331-10M Datasheet HTML 19Page - Lumberg ASB85-4-331-10M Datasheet HTML 20Page - Lumberg ASB85-4-331-10M Datasheet HTML 21Page - Lumberg ASB85-4-331-10M Datasheet HTML 22Page - Lumberg ASB85-4-331-10M Datasheet HTML 23Page - Lumberg ASB85-4-331-10M Datasheet HTML 24Page - Lumberg ASB85-4-331-10M Datasheet HTML 25Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 178 page
background image
www.lumberg-automationusa.com
1-717-217-2299
21
M12-Round-Plug Connector According to IEC 61076-2-101
M12-Cordsets
RKWT
M12-Female 90˚
Actuator-/Sensor-Cordsets, Single Ended,
M12-Female 90
˚ Connector, 3-, 4-, 5- and 8-Poles
with Threaded Joint and Molded Cable. IP 67 Rated.
Cable Types:
18 AWG
731 | 637
= TPE, yellow
645 | 602
= PUR, yellow
Cable Types:
22 AWG
632 | 633 | 612
= PVC, yellow
610 | 679 | 644
= PUR, yellow
643
= TPE, yellow
Cable Types:
24 AWG
627
= PVC, black
RKWT 8-627 (Only)
M12-Female Straight – LED
Actuator-/Sensor-Cordsets with LED, Single Ended,
M12-Female Straight Connector, 3-Poles with
Threaded Joint and Molded Cable. IP 67 Rated.
Cable Types:
06
= PVC, orange
224 | 225
= PUR, halogen-free, black
260
= PUR, halogen-free, weld
and spark proof, orange
Part No.
RKT/LED A 4-3-06/2 M
RKT/LED A 4-3-06/5 M
RKT/LED A 4-3-06/10 M
RKT/LED A 4-3-224/2 M
RKT/LED A 4-3-224/5 M
RKT/LED A 4-3-224/10 M
RKT/LED A 4-3-260/2 M
RKT/LED A 4-3-260/5 M
RKT/LED A 4-3-260/10 M
RKT/LED F 4-225/2 M
RKT/LED F 4-225/5 M
RKT/LED F 4-225/10 M
RKT/LED
Cordsets
Single-Ended
Part No.
Part No.
RKWT 4-3-731/2 M
RKWT 4-643/2 M
RKWT 4-3-731/5 M
RKWT 4-643/5 M
RKWT 4-3-731/10 M
RKWT 4-643/10 M
RKWT 4-3-632/2 M
RKWT 4-602/2 M
RKWT 4-3-632/5 M
RKWT 4-602/5 M
RKWT 4-3-632/10 M
RKWT 4-602/10 M
RKWT 4-3-645/2 M
RKWT 4-679/2 M
RKWT 4-3-645/5 M
RKWT 4-679/5 M
RKWT 4-3-645/10 M
RKWT 4-679/10 M
RKWT 4-3-610/2 M
RKWT 5-612/2 M
RKWT 4-3-610/5 M
RKWT 5-612/5 M
RKWT 4-3-610/10 M
RKWT 5-612/10 M
RKWT 4-637/2 M
RKWT 5-644/2 M
RKWT 4-637/5 M
RKWT 5-644/5 M
RKWT 4-637/10 M
RKWT 5-644/10 M
RKWT 4-633/2 M
RKWT 8-627/2 M
RKWT 4-633/5 M
RKWT 8-627/5 M
RKWT 4-633/10 M
RKWT 8-627/10 M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com