Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS7C256-15JC Datasheet(PDF) 8 Page - Alliance Semiconductor Corporation

Part # AS7C256-15JC
Description  High Performance 32Kx8 CMOS SRAM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C256-15JC Datasheet(HTML) 8 Page - Alliance Semiconductor Corporation

  AS7C256-15JC Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C256-15JC Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C256-15JC Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C256-15JC Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C256-15JC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C256-15JC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C256-15JC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C256-15JC Datasheet HTML 8Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
ALLIANCE SEMICONDUCTOR
3099 North First Street
San Jose, CA 95134
(408) 383-4900
Fax (408) 383-4999
Printed in U.S.A.
Copyright © 1995 All rights reserved.
May 1996
AS7C256
AS7C256L
Alliance Semiconductor reserves the right to make changes in this data sheet at any time to improve design and supply the best product possible. Alliance Semiconductor cannot
assume responsibility for circuits shown or represent that they are free from patent infringement. Alliance products are not authorized for use as critical components in life
support devices or systems without the express written approval of the president of Alliance. The Alliance logo is a trademark of Alliance Semiconductor Corporation. All other
trademarks are property of their respective holders.
DOMESTIC REPS
ALABAMA
Concord Component
(205) 772-8883
ARIZONA
Competitive Technology
(602) 265-9224
ARKANSAS
Southern States Marketing
(214) 238-7500
CALIFORNIA
North: Brooks Technical
(415) 960-3880
LA Area: Competitive Tech.
(714) 450-0170
San Diego: ATS
(619) 634-1488
COLORADO
Technology Sales
(303) 792-8835
CONNECTICUT
Kitchen & Kutchin Inc.
(203) 239-0212
DELAWARE
Vantage Sales
(609) 424-6777
FLORIDA
Micro-Electronic Comp.
Deerfield Beach
(305) 426-8944
Tampa
(813) 393-5011
GEORGIA
Concord Component
(404) 416-9597
HAWAII
Brooks Technical
(415) 960-3880
IDAHO
ES/Chase
(503) 684-8500
ILLINOIS
North: El-Mech
(312) 794-9100
South: CenTech
(314) 291-4230
INDIANA
CC Electro Sales
(317) 921-5000
KANSAS
CenTech
(816) 358-8100
KENTUCKY
CC Electro Sales
(317) 921-5000
LOUISIANA
Southern States Marketing
North: (214) 238-7500
South: (713) 868-5180
MAINE
Kitchen & Kutchin Inc.
(617) 229-2660
MARYLAND
Chesapeake Technology
(301) 236-0530
MASSACHUSETTS
Kitchen & Kutchin Inc.
(617) 229-2660
MICHIGAN
Enco Group
(810) 338-8600
MINNESOTA
D. A. Case Associates
(612) 831-6777
MISSOURI
East: CenTech
(314) 291-4230
West: CenTech
(816) 358-8100
MISSISSIPPI
Concord Component
(205) 772-8883
MONTANA
ES/Chase
(503) 684-8500
NEBRASKA
CenTech
(816) 358-8100
NEVADA
North: Brooks Technical
(415) 960-3880
South: Competitive Tech.
(602) 265-9224
NEW HAMPSHIRE
Kitchen & Kutchin Inc.
(617) 229-2660
NEW JERSEY
North: ERA Associates
(800) 645-5500
South: Vantage Sales
(609) 424-6777
NEW MEXICO
Competitive Technology
(602) 265-9224
NEW YORK
NYC: ERA Associates
(516) 543-0510
Upstate: Tri-Tech
Rochester
(716) 385-6500
Birmingham
(607) 722-3580
Fishkill
(914) 897-5611
NORTH CAROLINA
Concord Component
(919) 846-3441
NORTH DAKOTA
D. A. Case Associates
(612) 831-6777
OHIO
Midwest Marketing Assoc.
Lyndhurst: (216) 381-8575
Dayton: (513) 433-2511
OKLAHOMA
Southern States Marketing
(214) 238-7500
OREGON
ES/Chase
(503) 684-8500
PENNSYLVANIA
East: Vantage Sales
(609) 424-6777
West: Midwest Marketing
(216) 381-8575
RHODE ISLAND
Kitchen & Kutchin Inc.
(617) 229-2660
SOUTH CAROLINA
Concord Component
(919) 846-3441
SOUTH DAKOTA
D. A. Case Associates
(612) 831-6777
TENNESSEE
Concord Component
(205) 772-8883
TEXAS
Southern States Marketing
Austin: (512) 835-5822
Dallas: (214) 238-7500
Houston: (713) 868-5180
UTAH
Charles Fields & Assoc.
(801) 299-8228
VERMONT
Kitchen & Kutchin Inc.
(617) 229-2660
VIRGINIA
Chesapeake Technology
(301) 236-0530
WASHINGTON
ES/Chase
(206) 823-9535
WEST VIRGINIA
Chesapeake Technology
(301) 236-0530
WISCONSIN
D. A. Case Associates
(612) 831-6777
WYOMING
Technology Sales
(303) 777-9726
INTERNATIONAL
AUSTRALIA
NJS Technology Pty Ltd.
Mulgrave, Victoria
+61-3-562-1244
R&D Electronics
Dingley, Victoria
+61-3-558-0444
CANADA
Tech Trek Ltd.
Mississauga:
(905) 238-0366
Montreal:
(514) 337-7540
Ottawa:
(613) 599-8787
Vancouver:
(604) 276-8735
Calgary:
(403) 291-6866
EUROPE
Britcomp Sales
Surrey, England
+44-1932 347077
+44-1932 346256
Munich, Germany
+49-894488496
Athismons, France
+33-1-69387678
HONG KONG
Eastele Technology
+85-2-798-8860
INDIA
Priya Electronics, Inc.
San Jose, CA USA
(408) 954-1866
ISRAEL
Eldis Technology
+972-9-562-666
JAPAN
Actes Engineering
Tokyo
+81-3-3769-3029
Rohm Co. Ltd.
Kyoto
+81-75-311-2121
KOREA
FM Korea
+822-575-9720
Woo Young Tech
+822-369-7099
MALAYSIA,
SINGAPORE
Technology Distr. Pte Ltd.
+65-299-7811
PUERTO RICO
Micro-Electronic Comp.
(809) 746-9897
TAIWAN
Asian Specific Tech.
+886-2-521-2363
Puteam International
+886-2-729-0373
DISTRIBUTORS
All-American
Locations Nationwide
Headquarters:
(305) 621-8282
Axis Components
Sunnyvale, CA
(408) 522-9595
Axis Components
Irvine, CA
(714) 459-5510
Future Electronics
Locations Worldwide
Headquarters:
(514) 594-7710
Interface Electronics
Hopkinton, MA
(800) 632-7792
(508) 435-0100
SALES OFFICES
HEADQUARTERS
Alliance Semiconductor
San Jose, CA
(408) 383-4900
NORTHEAST AREA
Alliance Semiconductor
Boston, MA
(617) 239-8127
TECHNICAL CENTER
TAIWAN
Alliance Semiconductor
+886-2-723-9944
Package / Access Time
10 ns
12 ns
15 ns
20 ns
25 ns
35 ns
Plastic DIP, 300 mil
AS7C256-10PC
AS7C256L-10PC
AS7C256-12PC
AS7C256L-12PC
AS7C256-15PC
AS7C256L-15PC
AS7C256-20PC
AS7C256L-20PC
AS7C256-25PC
AS7C256L-25PC
AS7C256-35PC
AS7C256L-35PC
Plastic SOJ, 300 mil
AS7C256-10JC
AS7C256L-10JC
AS7C256-12JC
AS7C256L-12JC
AS7C256-15JC
AS7C256L-15JC
AS7C256-20JC
AS7C256L-20JC
AS7C256-25JC
AS7C256L-25JC
AS7C256-35JC
AS7C256L-35JC
Plastic SOIC, 330 mil
AS7C256-10SC
AS7C256L-10SC
AS7C256-12SC
AS7C256L-12SC
AS7C256-15SC
AS7C256L-15SC
AS7C256-20SC
AS7C256L-20SC
AS7C256-25SC
AS7C256L-25SC
AS7C256-35SC
AS7C256L-35SC
TSOP 8
×13.4
AS7C256-10TC
AS7C256L-10TC
AS7C256-12TC
AS7C256L-12TC
AS7C256-15TC
AS7C256L-15TC
AS7C256-20TC
AS7C256L-20TC
AS7C256-25TC
AS7C256L-25TC
AS7C256-35TC
AS7C256L-35TC
AS7C
256
X
–XX
X
C
SRAM Prefix
Device Number
Blank
= Standard Power
L
= Low Power
Access Time
Package:
P = PDIP 300 mil
J = SOJ 300 mil
S = SOIC 330 mil
T = TSOP 8
×14
Commercial Temperature Range,
0°C to 70 °C
ORDERING CODES
PART NUMBERING SYSTEM
REPRESENTATIVES, DISTRIBUTORS, AND SALES OFFICES



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com