Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASBS6-LED5-4 Datasheet(PDF) 96 Page - Lumberg

Part # ASBS6-LED5-4
Description  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

ASBS6-LED5-4 Datasheet(HTML) 96 Page - Lumberg

Back Button ASBS6-LED5-4 Datasheet HTML 92Page - Lumberg ASBS6-LED5-4 Datasheet HTML 93Page - Lumberg ASBS6-LED5-4 Datasheet HTML 94Page - Lumberg ASBS6-LED5-4 Datasheet HTML 95Page - Lumberg ASBS6-LED5-4 Datasheet HTML 96Page - Lumberg ASBS6-LED5-4 Datasheet HTML 97Page - Lumberg ASBS6-LED5-4 Datasheet HTML 98Page - Lumberg ASBS6-LED5-4 Datasheet HTML 99Page - Lumberg ASBS6-LED5-4 Datasheet HTML 100Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 178 page
background image
1-717-217-2299
www.lumberg-automationusa.com
96
LioN-Link
I/O Modules, Power Supply
0942 UEM 620
0941 UNC 601/10 M
4 IN/4 OUT Universal
LioN-Link I/O Module with 4 I/O-Link Channels, each
Channel can be Configured Universally in Standard
Digital I/O Mode (SIO Mode) or in Communications
Mode, M12 Sockets, 4 Poles
– Only with BusHead 0940 PSL 602 or ProfiNet
BusHead 0940 ESL 601 –
Power Distribution Box
LioN-Link Power Distributor, 4x M12 Ports, 2 Potential
Circuits, 10 m Lead with 5x1 mm2
Part No.
0942 UEM 620
Part No.
0941 UNC 601/10 M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com