Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASBS8-LED5-4 Datasheet(PDF) 79 Page - Lumberg

Part # ASBS8-LED5-4
Description  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

ASBS8-LED5-4 Datasheet(HTML) 79 Page - Lumberg

Back Button ASBS8-LED5-4 Datasheet HTML 75Page - Lumberg ASBS8-LED5-4 Datasheet HTML 76Page - Lumberg ASBS8-LED5-4 Datasheet HTML 77Page - Lumberg ASBS8-LED5-4 Datasheet HTML 78Page - Lumberg ASBS8-LED5-4 Datasheet HTML 79Page - Lumberg ASBS8-LED5-4 Datasheet HTML 80Page - Lumberg ASBS8-LED5-4 Datasheet HTML 81Page - Lumberg ASBS8-LED5-4 Datasheet HTML 82Page - Lumberg ASBS8-LED5-4 Datasheet HTML 83Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 178 page
background image
www.lumberg-automationusa.com
1-717-217-2299
79
PowerCINCH™ Trunk and Drop Cordsets
4-Pole, Single Key, Black PVC Cable
PowerCINCH™ T-Tap Trunk and Power Drop
4-Pole, Single Key, Black PVC Cable
RSRK 40D
TAP 40D-RK 40D
TAP 40D-RK 40D
RSRK 40A
Part No.
RSRK 40D-10T/2 M
RSRK 40D-10T/15 M
RSRK 40D-10T/3 M
RSRK 40D-10T/20 M
RSRK 40D-10T/4 M
RSRK 40D-10T/25 M
RSRK 40D-10T/5 M
RSRK 40D-10T/35 M
RSRK 40D-10T/6 M
RSRK 40D-10T/40 M
RSRK 40D-10T/8 M
RSRK 40D-10T/45 M
RSRK 40D-10T/10 M
RSRK 40D-10T/50 M
RSRK 40D-10T/14 M
Part No.
TAP 40D-RK 40D
Part No.
TAP 40D-RK 40A
Part No.
RSRK 40A-14D/1.5 M
RSRK 40A-14D/15 M
RSRK 40A-14D/2.5 M
RSRK 40A-14D/18 M
RSRK 40A-14D/3 M
RSRK 40A-14D/20 M
RSRK 40A-14D/4 M
RSRK 40A-14D/25 M
RSRK 40A-14D/5 M
RSRK 40A-14D/30 M
RSRK 40A-14D/6 M
RSRK 40A-14D/35 M
RSRK 40A-14D/8 M
RSRK 40A-14D/40 M
RSRK 40A-14D/10 M
RSRK 40A-14D/50 M
RSRK 40A-14D/12 M
Trunk Cordset, Male Str to Female Str
PowerCINCH 1 3/8” Double Ended Cordsets, 4-Pole,
10 AWG Stranded Copper Conductors, Single Key,
Black PVC Jacket, .79” Outside Diameter, Nut
Anodized Aluminum, Brass, Gold Over Nickel Plated
Contacts, Black PVC Insert, 25 A Current Rating,
600 V Voltage Rating, -20° to +105° C Temperature
Rating, IP 67 Rated, UL Recognition: TC-ER, STOOW.
T-Tap Trunk and Power Drop –1 3/8”
PowerCINCH™ T TAP (1 3/8”) with 10 AWG Power
Drop, 4-Pole, Single Key, Black PVC Molded Body,
Aluminum Anodized Coupling Nut, Brass-Gold Over
Nickel Plated, Black PVC Insert, 25 A Current Rating,
600 V Voltage Rating, -20° to +105° C Temperature
Rating, IP 67 Rated.
T-Tap Trunk and Power Drop – 7/8”
PowerCINCH™ T TAP (7/8”) with 14 AWG Power
Drop, 4-Pole, Single Key, Black PVC Molded Body,
Aluminum Anodized Coupling Nut, Brass-Gold Over
Nickel Plated, Black PVC Insert, 25 A Current Rating
Trunk, 15 A Drop, 600 V Voltage Rating, -20° to
+105° C Temperature Rating, IP 67 Rated.
Drop Cordset, Male Str to Female Str
PowerCINCH 7/8” Double Ended Cordsets, 4-Pole, 14
AWG Stranded Copper Conductors, Single Key, Black
PVC Jacket, .62” Outside Diameter, Nut Aluminum
E-Coating, Brass, Gold Over Nickel Plated Contacts,
Black PVC Insert, 15 A Current Rating, 600 V Voltage
Rating, -20° to +105° C Temperature Rating, IP 67
Rated, UL Recognition: TC-ER, STOOW.
PowerCINCH™



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com