Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KBL005 Datasheet(PDF) 2 Page - Mospec Semiconductor

Part # KBL005
Description  Glass Passivated chip junction
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

KBL005 Datasheet(HTML) 2 Page - Mospec Semiconductor

  KBL005 Datasheet HTML 1Page - Mospec Semiconductor KBL005 Datasheet HTML 2Page - Mospec Semiconductor KBL005 Datasheet HTML 3Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KBL005 thru KBL10
FIG-1 FORWARD CURRENT DERATING CURVE
FIG-2 TYPICAL FORWARD CHARACTERISITICS
CASE TEMPERATURE (℃)
FORWARD VOLTAGE (Volts)
FIG-3 PEAK FORWARD SURGE CURRENT
FIG-4 TYPICAL JUNCTION CAPACITANCE
NUMBER OF CYCLES AT 60 Hz
REVERSE VOLTAGE (Volts)
FIG-5 TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED REVERSE VOLTAGE (﹪)
TJ=25
OC
Pulse Width=300us
1% Duty Cycle
TJ=25
OC
f=1MHz
8.3 ms Single Half Sine Wave
(JEDEC Method) TJ=25
OC
TJ=100
OC
TJ=25
OC
Mounting on
3.0”×3.0”×0.11”
(7.5×7.5×0.3 cm
AL Plate
60 Hz Resistive or
Inducttive Load
Ambient
Temperature
P.C.B Mounting
0.47”×0.47” (12×12 mm)
Copper Pads
0.375”(9.5mm) Lead Length
TC
TA
TJ=25
OC
f=1Mhz
Vstg=50m Vp-p



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com