Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

3N90 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 3N90
Description  Fast Switching
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

3N90 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  3N90 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 3N90 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc N-Channel MOSFET Transistor
3N90
·FEATURES
·Drain Current ID= 3A@ TC=25℃
·Drain Source Voltage-
: VDSS= 900V(Min)
·Static Drain-Source On-Resistance
: RDS(on) = 4.8Ω(Max)
·Fast Switching
·APPLICATIONS
·Switching power supplies,converters,AC and DC motor controls
·ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage
900
V
VGS
Gate-Source Voltage-Continuous
±30
V
ID
Drain Current-Continuous
3
A
IDM
Drain Current-Single Plused
10
A
PD
Total Dissipation @TC=25℃
75
W
Tj
Max. Operating Junction Temperature
150
℃
Tstg
Storage Temperature
-55~150
℃
·THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
1.67
℃/W
Rth j-a
Thermal Resistance, Junction to Ambient
62.5
℃/W
PDF pdfFactory Pro
www.fineprint.cn


Similar Part No. - 3N90

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3N90 UTC-3N90 Datasheet
223Kb / 6P
3 Amps, 900 Volts N-CHANNEL POWER MOSFET
logo
New Jersey Semi-Conduct...
3N90 NJSEMI-3N90 Datasheet
148Kb / 1P
NPN/PNP DUAL EMITTER CHOPPER BI-POLAR TRANSISTORS
logo
Inchange Semiconductor ...
3N90-220 ISC-3N90-220 Datasheet
167Kb / 2P
isc N-Channel MOSFET Transistor
3N90-220F ISC-3N90-220F Datasheet
162Kb / 2P
isc N-Channel MOSFET Transistor
logo
Unisonic Technologies
3N90-E UTC-3N90-E Datasheet
247Kb / 5P
N-CHANNEL FAST SWITCHING MOSFET
More results

Similar Description - 3N90

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD8447L FAIRCHILD-FDD8447L Datasheet
519Kb / 6P
Fast Switching
logo
Powerex Power Semicondu...
T7SH0140 POWEREX-T7SH0140 Datasheet
1Mb / 4P
Fast Switching
logo
Inchange Semiconductor ...
2N60 ISC-2N60 Datasheet
157Kb / 2P
Fast Switching
20N15 ISC-20N15 Datasheet
49Kb / 2P
Fast Switching
20N45 ISC-20N45 Datasheet
60Kb / 2P
Fast Switching
22N10 ISC-22N10 Datasheet
66Kb / 2P
Fast Switching
24N50 ISC-24N50 Datasheet
49Kb / 2P
Fast Switching
25N60 ISC-25N60 Datasheet
65Kb / 2P
Fast Switching
30N12 ISC-30N12 Datasheet
49Kb / 2P
Fast Switching
33N10 ISC-33N10 Datasheet
67Kb / 2P
Fast Switching
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com