Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP1084 Datasheet(PDF) 2 Page - Anachip Corp

Part # AP1084
Description  5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1084 Datasheet(HTML) 2 Page - Anachip Corp

  AP1084 Datasheet HTML 1Page - Anachip Corp AP1084 Datasheet HTML 2Page - Anachip Corp AP1084 Datasheet HTML 3Page - Anachip Corp AP1084 Datasheet HTML 4Page - Anachip Corp AP1084 Datasheet HTML 5Page - Anachip Corp AP1084 Datasheet HTML 6Page - Anachip Corp AP1084 Datasheet HTML 7Page - Anachip Corp AP1084 Datasheet HTML 8Page - Anachip Corp AP1084 Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AP1084
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Anachip Corp.
www.anachip.com.tw
Rev.1.0 Aug.27, 2004
2/8
Block Diagram
3
Thermal
Shutdown
1
2 Vout
Adj
1.25V
+
+
CURRENT
LIMIT
Vin
+
-
+
Connection Diagram
TO263
3
2
1
Vin
Vout
Adj (GND)
Tab is Vout
FRONT VIEW
TO252
3
2
1
Vin
Vout
Adj (GND)
Tab is Vout
FRONT VIEW
TO220
Tab is Vout
3
Vin
2
1
Vout
Adj (GND)
FRONT VIEW
Pin Descriptions
NAME
I/O
PIN #
FUNCTION
Adj (GND)
1
Adjustable (Ground only for fixed mode)
Vout
O
2
The output of the regulator. A minimum of 10uF capacitor must be
connected from this pin to ground to insure stability.
Vin
I
3
The input pin of regulator. Typically a large storage capacitor is connected
from this pin to ground to insure that the input voltage does not sag below
the minimum dropout voltage during the load transient response. This pin
must always be 1.4V higher than Vout in order for the device to regulate
properly.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com