Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDMT40D20HF-R63NC Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDMT40D20HF-R63NC
Description  Metal Hybrid Inductor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDMT40D20HF-R63NC Datasheet(HTML) 1 Page - Sumida Corporation

  CDMT40D20HF-R63NC Datasheet HTML 1Page - Sumida Corporation CDMT40D20HF-R63NC Datasheet HTML 2Page - Sumida Corporation CDMT40D20HF-R63NC Datasheet HTML 3Page - Sumida Corporation CDMT40D20HF-R63NC Datasheet HTML 4Page - Sumida Corporation CDMT40D20HF-R63NC Datasheet HTML 5Page - Sumida Corporation CDMT40D20HF-R63NC Datasheet HTML 6Page - Sumida Corporation CDMT40D20HF-R63NC Datasheet HTML 7Page - Sumida Corporation CDMT40D20HF-R63NC Datasheet HTML 8Page - Sumida Corporation CDMT40D20HF-R63NC Datasheet HTML 9Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Metal Hybrid Inductor
CDMT40D20
Note: This specification is subject to change without notice. Please contact your nearest sales office for updated information when placing an order.
Page 1 of 5
Ver.1.0 2016.01.21
www.sumida.com
Description
 Metal Hybrid Inductor
 Magnetically shielded
 Suitable for Large Current
 Size: 4.3 x 4.3 x H2.1 mm Max.
 Product weight: 0.18g (Ref.)
 Halogen Free available
 Operating temperature range: - 40℃~+125℃
(Not including coil’s self temperature rise)
Applications
 Telecommunication base station , Server , SSD,
and other low profile high current application
Dimension - [mm]
Reference Land pattern - [mm]
Schematics


Similar Part No. - CDMT40D20HF-R63NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDMT40D30 SUMIDA-CDMT40D30 Datasheet
456Kb / 4P
Metal Hybrid Inductor
CDMT40D30HF-3R3NC SUMIDA-CDMT40D30HF-3R3NC Datasheet
456Kb / 4P
Metal Hybrid Inductor
CDMT40D30HF-4R7NC SUMIDA-CDMT40D30HF-4R7NC Datasheet
456Kb / 4P
Metal Hybrid Inductor
CDMT40D30HF-6R8NC SUMIDA-CDMT40D30HF-6R8NC Datasheet
456Kb / 4P
Metal Hybrid Inductor
CDMT40D40 SUMIDA-CDMT40D40 Datasheet
535Kb / 4P
Metal Hybrid Inductor
More results

Similar Description - CDMT40D20HF-R63NC

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
MHP-TA6-9-72 TEC-MHP-TA6-9-72 Datasheet
430Kb / 2P
Metal Hybrid PPTC Devices
MHP-TA6-9-77 TEC-MHP-TA6-9-77 Datasheet
433Kb / 2P
Metal Hybrid PPTC Devices
MHP-TA6-9-82 TEC-MHP-TA6-9-82 Datasheet
435Kb / 2P
Metal Hybrid PPTC Devices
MHP-TA15-9-72 TEC-MHP-TA15-9-72 Datasheet
438Kb / 2P
Metal Hybrid PPTC Devices
MHP-TA15-9-77 TEC-MHP-TA15-9-77 Datasheet
434Kb / 2P
Metal Hybrid PPTC Devices
MHP-TA15-9-82 TEC-MHP-TA15-9-82 Datasheet
435Kb / 2P
Metal Hybrid PPTC Devices
MHP-TA15-9-90 TEC-MHP-TA15-9-90 Datasheet
436Kb / 2P
Metal Hybrid PPTC Devices
logo
Sumida Corporation
CDMT40D30 SUMIDA-CDMT40D30 Datasheet
456Kb / 4P
Metal Hybrid Inductor
CDMT40D40 SUMIDA-CDMT40D40 Datasheet
535Kb / 4P
Metal Hybrid Inductor
logo
Littelfuse
MHP-TAC LITTELFUSE-MHP-TAC Datasheet
634Kb / 4P
Metal Hybrid PPTC
2021 Littelfuse, Inc.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com