Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NP16N06QLK Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # NP16N06QLK
Description  Dual N-channel Power MOS FET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP16N06QLK Datasheet(HTML) 2 Page - Renesas Technology Corp

  NP16N06QLK Datasheet HTML 1Page - Renesas Technology Corp NP16N06QLK Datasheet HTML 2Page - Renesas Technology Corp NP16N06QLK Datasheet HTML 3Page - Renesas Technology Corp NP16N06QLK Datasheet HTML 4Page - Renesas Technology Corp NP16N06QLK Datasheet HTML 5Page - Renesas Technology Corp NP16N06QLK Datasheet HTML 6Page - Renesas Technology Corp NP16N06QLK Datasheet HTML 7Page - Renesas Technology Corp NP16N06QLK Datasheet HTML 8Page - Renesas Technology Corp NP16N06QLK Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
NP16N06QLK
R07DS1290EJ0101 Rev.1.01
Page 2 of 7
Oct 27, 2015
Absolute Maximum Ratings
(TA = 25°C)
Item
Symbol
Ratings
Unit
Drain to Source Voltage (VGS = 0 V)
VDSS
60
V
Gate to Source Voltage (VDS = 0 V)
VGSS
±20
V
Drain Current (DC) (TC = 25°C) ∗
4
ID(DC)
±16
A
Drain Current (pulse) ∗
1, 4
ID(pulse)
±32
A
Total Power Dissipation (TC = 25°C) ∗
4
PT1
25
W
Total Power Dissipation (TA = 25°C) ∗
2, 4
PT2
1.0
W
Channel Temperature
Tch
175
°C
Storage Temperature
Tstg
−55 to +175
°C
Repetitive Avalanche Current ∗
3
IAR
7
A
Repetitive Avalanche Energy ∗
3
EAR
5
mJ
Thermal Resistance
Channel to Case Thermal Resistance
Rth(ch-C)
5.95
°C/W
Channel to Ambient Thermal Resistance ∗
2
Rth(ch-A)
150
°C/W
Notes: *1. TC = 25°C, PW ≤ 10 μs, Duty Cycle ≤ 1%
*2. Mounted on glass epoxy substrate of 40 mm
× 40 mm × 1.6 mmt with 4% copper area (35 μm)
*3. RG = 25 Ω, VGS = 20 V → 0 V
*4. One channel operation



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com