Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACE506C Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE506C
Description  300mA Low Consumption Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE506C Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE506C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE506C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE506C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE506C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE506C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE506C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE506C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE506C Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ACE506C
300mA Low Consumption Linear Regulator
VER 1.4
1
Description
ACE506C series are a group of positive voltage output, high precise, and high PSRR and low power
consumption voltage regulator. Voltages are selectable in 100mV steps within a range of 1.2V to 3.6V. It
also can be customized on command.
ACE506C series have excellent load and line transient response and good temperature characteristics,
which can assure the stability of chip and power system. And it uses trimming technique to guarantee
output voltage accuracy within ±2%.
Features
Low Quiescent Current: 2uA at 5V
60dB PSRR at 100Hz
Low Output Noise: 44uVRMS
Low Dropout: 280mV at 150mA load
Low Temperature Coefficient: ±100ppm/OC
Excellent Line Regulation: 0.05%/V
Highly Accurate: ±2%
Application
Reference Voltage Source
Battery Powered Equipment
Hand-Hold Equipment
Wireless LAN
GPS Receivers
Absolute Maximum Ratings
Parameter
Value
Max Input Voltage
8V
Operating Junction Temperature (TJ)
125
OC
Ambient Temperature (TA)
-40
OC ~85 OC
Power Dissipation
SOT-23-3, SOT-23-5
250mW
SOT-89-3
500mW
Storage Temperature (TS)
-40
OC~150 OC
Lead Temperature & Time
260
OC, 10 Sec
Note: Exceed these limits to damage to the device.
Exposure to absolute maximum rating conditions may affect device reliability.


Similar Part No. - ACE506C

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE500C ACE-ACE500C Datasheet
860Kb / 9P
300mA Low Consumption Linear Regulator
VER 1.3
ACE500E ACE-ACE500E Datasheet
436Kb / 7P
Fast Transient Response LDO with Adjustable Output Voltage
VER 1.2
ACE500EC ACE-ACE500EC Datasheet
984Kb / 9P
Low-Dropout CMOS Voltage Regulator
VER 1.2
ACE501 ACE-ACE501 Datasheet
521Kb / 9P
250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.2
ACE501 ACE-ACE501 Datasheet
807Kb / 10P
250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.4
More results

Similar Description - ACE506C

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
300MA LOW DROPOUT LINEAR REGULATOR
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
300mA Low Dropout Linear Regulator
logo
SHANGHAI BELLING CO., L...
BL8552 BELLING-BL8552 Datasheet
329Kb / 7P
300mA Low Consumption Linear Regulator
BL8567 BELLING-BL8567 Datasheet
325Kb / 7P
300mA, Wide Input Voltage, Low Consumption Linear Regulator
logo
Union Semiconductor, In...
UM14225S UNIONSEMI-UM14225S Datasheet
222Kb / 10P
300mA, Low Consumption, Wide Input Voltage Linear Regulator
logo
Leshan Radio Company
LR8552 LRC-LR8552_15 Datasheet
476Kb / 7P
300mA Low Consumption Linear Regulator
logo
Union Semiconductor, In...
UM14225S UNIONSEMI-UM14225S_16 Datasheet
280Kb / 10P
300mA, Low Consumption, Wide Input Voltage Linear Regulator
logo
ACE Technology Co., LTD...
ACE500C ACE-ACE500C Datasheet
860Kb / 9P
300mA Low Consumption Linear Regulator
VER 1.3
logo
E-CMOS Corporation
EC8803 E-CMOS-EC8803 Datasheet
1Mb / 16P
4- Low 300mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com