Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IPS022G Datasheet(PDF) 3 Page - International Rectifier

Part # IPS022G
Description  DUAL FULLY PROTECTED POWER MOSFET SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS022G Datasheet(HTML) 3 Page - International Rectifier

  IPS022G Datasheet HTML 1Page - International Rectifier IPS022G Datasheet HTML 2Page - International Rectifier IPS022G Datasheet HTML 3Page - International Rectifier IPS022G Datasheet HTML 4Page - International Rectifier IPS022G Datasheet HTML 5Page - International Rectifier IPS022G Datasheet HTML 6Page - International Rectifier IPS022G Datasheet HTML 7Page - International Rectifier IPS022G Datasheet HTML 8Page - International Rectifier IPS022G Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
IPS022G
www.irf.com
3
Recommended Operating Conditions
These values are given for a quick design. For operation outside these conditions, please consult the application notes.
Symbol Parameter
Min.
Max.
Units
Vds (max) Continuous drain to source voltage
35
VIH
High level input voltage
4
6
VIL
Low level input voltage
0
0.5
Ids
Continuous drain current
(TAmbient = 85oC, IN = 5V, rth = 100oC/W, Tj = 85oC)
1
A
Rin
Recommended resistor in series with IN pin
0.5
5
k
Tr-in (max) Max recommended rise time for IN signal (see fig. 2)
1
µS
Fr-Isc (2)
Max. frequency in short circuit condition (Vcc = 14V)
0
1
kHz
V
(2) Operations at higher switching frequencies is possible. See Appl. notes.
Switching Electrical Characteristics
Vcc = 14V, Resistive Load = 10Ω, Rinput = 50Ω, 100µs pulse, Tj = 25
oC, (unless otherwise specified).
Symbol Parameter
Min.
Typ.
Max. Units Test Conditions
Ton
Turn-on delay time
0.15
0.5
1
Tr
Rise time
0.4
0.9
2
Trf
Time to 130% final Rds(on)
2
6
12
Toff
Turn-off delay time
0.8
2
3.5
Tf
Fall time
0.5
1.3
2.5
Qin
Total gate charge
3.3
nC
Vin = 5V
See figure 2
See figure 2
µs
Symbol Parameter
Min.
Typ.
Max. Units Test Conditions
Rds(on)
ON state resistance
Tj = 25
oC
100
130
150
Tj = 150
oC
220
280
Idss 1
Drain to source leakage current
0
0.01
25
Vcc = 14V, Tj = 25
oC
Idss 2
Drain to source leakage current
0
0.1
50
Vcc = 40V, Tj = 25
oC
V clamp 1 Drain to source clamp voltage 1
48
54
56
Id = 20mA (see Fig.3 & 4)
V clamp 2 Drain to source clamp voltage 2
50
56
60
Vin clamp IN to source clamp voltage
7
8
9.5
Iin = 1 mA
Vth
IN threshold voltage
1
1.5
2
Id = 50mA, Vds = 14V
Iin, -on
ON state IN positive current
25
90
200
Vin = 5V
Iin, -off
OFF state IN positive current
50
130
250
Vin = 5V
over-current triggered
Static Electrical Characteristics
Standard footprint 70
µm copper thickness. (Tj = 25oC unless otherwise specified.)
m
Vin = 5V, Ids = 1A
Id=Ishutdown (see Fig.3 & 4)
V
µA
µA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com