Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CT0.2-P Datasheet(PDF) 1 Page - LEM

Part # CT0.2-P
Description  Current Transducers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

CT0.2-P Datasheet(HTML) 1 Page - LEM

  CT0.2-P Datasheet HTML 1Page - LEM CT0.2-P Datasheet HTML 2Page - LEM CT0.2-P Datasheet HTML 3Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Electrical data
Primary nominal
Primary current,
Type
RoHS since
current rms
measuring range
date code
I
PN (mA)
I
PM (mA)
100
± 200
CT 0.1-P
46129
200
± 400
CT 0.2-P
46054
400
± 800
CT 0.4-P
46234
V
C
Supply voltage (± 5 %)
± 15
V
I
C
Current consumption
± 45
mA
R
IS
Isolation resistance @ 500 VDC
> 500
M
Ω
V
OUT
Output voltage (Analog) @ ± I
PN, RL= 10kΩ, TA=25°C
± 5
V
R
OUT
Output internal resistance
< 51
Ω
R
L
Load resistance
≥ 10
k
Ω
C
L
Capacitive loading
≤ 5
nF
Accuracy-Dynamic performance data
X
Accuracy (excluding offset) @ I
PN, TA = 25°C, RL = 10kΩ < ± 1
%of I
PN
ε
L
Linearity error (0 .. ± I
PN)
< ± 0.5 %of I
PN
TCV
OUT
Temperature coefficient of V
OUT (of reading)
< ± 0.05
%/K
V
OE
Electrical offset voltage @ I
P = 0, TA = 25°C
< ± 100
mV
V
OH
Hysteresis offset voltage
@ I
P = 0; after an excursion of 1 x IPN
< ± 2
mV
@ I
P = 0; after an excursion of 100 x IPN
< ± 20
mV
TCV
OE
Temperature coefficient of V
OE @ -20..+85°C CT 0.1-P
< ± 8
mV/K
CT 0.2-P < ± 4
mV/K
CT 0.4-P < ± 2
mV/K
t
r
Response time to 80% of I
PN step
≤ 20
m s
90% of I
PN step
≤ 60
m s
BW
Frequency bandwidth (- 3 dB)
CT 0.1-P DC 40..7000Hz
CT 0.2-P DC 40..11000Hz
CT 0.4-P DC 40..18000Hz
General data
T
A
Ambient operating temperature
- 20 .. + 85 °C
T
S
Ambient storage temperature
- 25 .. + 85 °C
dCp
Creepage distance
> 5.5
mm
dCl
Clearance distance
> 5.5
mm
CTI
Comparative tracking index (Group IIIa)
> 220
m
Mass
25
g
Standards
EN 50178: 1997
Current Transducers CT 0.1 .. 0.4-P
For the electronic measurement of small currents: AC,DC, mixed,
with a galvanic isolation between the primary circuit and the
secondary circuit.
I
PN
= ± 100..400 mA
V
OUT = ± 5 V
Features
• DC & AC earth leakage current
transducer using a flux-gate
principle
• PCB mounting
• ±15V power supply
• ±5V output @ I
PN
• Isolated plastic case recognized
according to UL94-V0.
Advantages
• Small size
• Bandwidth :
DC and 40 up to 7..18 kHz
• Response time better than 60 ms
• Cost effective, compact
alternative to classical RCDs
(Residual Current Device)
Applications
• Earth leakage detection in
transformerless solar inverters
• 1st human contact protection of
PV arrays
• Failure detection in power sources
• Symmetrical fault detection
(e.g. after motor inverter)
• Current leakage detection in
stacked DC sources
• Single phase or three phase
differential current measurement up
to ±30A per wire (DC or AC)
Application domain
• Industrial
copyright protected
080909/14
www.lem.com
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
Page 1/3
Notes : Performance data are given for steady phase of the transducer.
Transitory period after power on lasts typically less than 2 min.
Please refer to characterization report for details.
Please don't put the high voltage between the secondary pins and fixing
pins. If it must be so, don't exceed the 2.5 kV between these pins with the
maximum isolation distance.


Similar Part No. - CT0.2-P

ManufacturerPart #DatasheetDescription
logo
LEM
CT0.2-P LEM-CT0.2-P Datasheet
892Kb / 3P
Current Transducers
More results

Similar Description - CT0.2-P

ManufacturerPart #DatasheetDescription
logo
LEM
CT0.1-P LEM-CT0.1-P Datasheet
892Kb / 3P
Current Transducers
HAC100 LEM-HAC100 Datasheet
840Kb / 3P
Current Transducers
HAZ4000-SRU LEM-HAZ4000-SRU Datasheet
250Kb / 3P
Current Transducers
HAZ6000-SRI LEM-HAZ6000-SRI Datasheet
249Kb / 3P
Current Transducers
HAZ4000-SB LEM-HAZ4000-SB_07 Datasheet
879Kb / 3P
Current Transducers
HTB100-P LEM-HTB100-P_07 Datasheet
652Kb / 2P
Current Transducers
HTC1000-S LEM-HTC1000-S_07 Datasheet
554Kb / 2P
Current Transducers
HY50-P LEM-HY50-P_06 Datasheet
679Kb / 2P
Current Transducers
HY5-P LEM-HY5-P_06 Datasheet
685Kb / 2P
Current Transducers
HY50P LEM-HY50P_12 Datasheet
321Kb / 2P
Current Transducers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com