Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX15KACELL Datasheet(PDF) 1 Page - MDE Semiconductor, Inc.

Part # MAX15KACELL
Description  Surface Mount Transient Voltage Suppressor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.

MAX15KACELL Datasheet(HTML) 1 Page - MDE Semiconductor, Inc.

  MAX15KACELL Datasheet HTML 1Page - MDE Semiconductor, Inc. MAX15KACELL Datasheet HTML 2Page - MDE Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
• Glass passivated junction
• Bi-directional
• RoHS Compliant
• 15000A surge capability at 8 x 20μsec waveform
(
per IEC-61000-4-5)
• Excellent clamping capability
• Coated Powder has UL
• Flammability Classification 94V-0
• Operating and storage Temp -40ºC to +125ºC
MECHANICAL DATA
Terminals: Solderable per MIL-STD-750, Method 2026
Mounting Position: Any
Weight: 8.7 ± 1g
DEVICES FOR BIPOLAR APPLICATIONS
Bidirectional use C or CA Suffix. Electrical characteristics apply in both directions.
MAXIMUM RATINGS AND CHARACTERISTICS
part number
Stand Off
Voltage (Vso)
Max.
Reverse
Leakage (IR)
@VSO
Test
Current IT
Volts
uA
Min.
Max.
mA
VCL Volts
Ipp Amps
MAX15KA-33CA
33
80
36.7
40.6
10
62
15,000
MAX15KA-54CA
54
20
60.0
66.3
10
101
15,000
MAX15KA-58CA
58
20
64.0
70.0
10
110
15,000
MAX15KA-66CA
66
20
72.0
80.0
10
120
15,000
MAX15KA-76CA
76
20
87.1
95.0
10
150
15,000
NOTE 1 : Using 8x20µS Wave shape defined in IEC 61000-4-5
Reverse
Breakdown
Voltage
(VBR)
@IT (Volts)
78-150 Calle Tampico, Unit 210, La Quinta, CA. U.S.A. 92253 Tel: 760-564-8656 • Fax: 760-564-2414
1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com
MDE Semiconductor, Inc.
Surface Mount Transient Voltage Suppressor
Stand-off Voltage 33-76 Volts
MAX15KA Cell Series
Prelimanary
Max. Clamping Voltage
VCL @ Peak Pulse
Current (IPP) (Note 1)
Dimensions in Millimeters
13.00±0.2mm
7.00±0.2mm
5/22/2013


Similar Part No. - MAX15KACELL

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MAX15KA MDE-MAX15KA Datasheet
194Kb / 2P
Surface Mount Transient Voltage Suppressor
MAX15KA-33CA MDE-MAX15KA-33CA Datasheet
194Kb / 2P
Surface Mount Transient Voltage Suppressor
MAX15KA-54CA MDE-MAX15KA-54CA Datasheet
194Kb / 2P
Surface Mount Transient Voltage Suppressor
MAX15KA-58CA MDE-MAX15KA-58CA Datasheet
194Kb / 2P
Surface Mount Transient Voltage Suppressor
MAX15KA-66CA MDE-MAX15KA-66CA Datasheet
194Kb / 2P
Surface Mount Transient Voltage Suppressor
More results

Similar Description - MAX15KACELL

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
SMDJ5.0 DIOTECH-SMDJ5.0 Datasheet
935Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
1.5SMC DIOTECH-1.5SMC Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Semiconducto...
SMBJ5.0 CHENDA-SMBJ5.0 Datasheet
2Mb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SAMYANG ELECTRONICS CO....
SMF SAMYANG-SMF Datasheet
1Mb / 4P
Surface Mount Transient Voltage Suppressor
logo
Alpha & Omega Semicondu...
1.5SMC6.8 AOSMD-1.5SMC6.8 Datasheet
707Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.1 July 2021
SMAJ5.0A AOSMD-SMAJ5.0A Datasheet
713Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.2 July 2021
SMBJ5.0A AOSMD-SMBJ5.0A Datasheet
706Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.2 July 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com