Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RJP1CS07DWS-W0 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RJP1CS07DWS-W0
Description  Inverter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJP1CS07DWS-W0 Datasheet(HTML) 2 Page - Renesas Technology Corp

  RJP1CS07DWS-W0 Datasheet HTML 1Page - Renesas Technology Corp RJP1CS07DWS-W0 Datasheet HTML 2Page - Renesas Technology Corp RJP1CS07DWS-W0 Datasheet HTML 3Page - Renesas Technology Corp RJP1CS07DWS-W0 Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RJP1CS07DWA / RJP1CS07DWS
Preliminary
R07DS0830EJ0400 R07DS0830EJ0400 Rev.4.00
Page 2 of 3
Sep 30, 2015
Electrical Characteristics (Datas below are measured values on a package configuration.)
(Tc = 25°C unless otherwise noted)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Zero gate voltage collector current
ICES
—
—
1
A
VCE = 1250 V, VGE = 0
Gate to emitter leak current
IGES
—
—
±1
A
VGE = ±30 V, VCE = 0
Gate to emitter cutoff voltage
VGE(off)
5.0
—
6.8
V
VCE = 10 V, IC = 5mA
Collector to emitter saturation voltage
VCE(sat)
—
1.80
2.25
V
IC = 150 A, VGE = 15 V Note2
Input capacitance
Cies
—
15.0
—
nF
VCE = 25 V
VGE = 0
f = 1 MHz
Output capacitance
Coes
—
0.43
—
nF
Reveres transfer capacitance
Cres
—
0.35
—
nF
Total gate charge
Qg
—
895
—
nC
VGE = 15 V
VCE = 600 V
IC = 150 A
Gate to emitter charge
Qge
—
140
—
nC
Gate to collector charge
Qgc
—
490
—
nC
Switching time Note3
td(on)
—
100
—
ns
VCC = 600 V
IC = 150 A
VGE = ±15 V
Rg = 10
, Tc = 150 C
Inductive load
tr
—
85
—
ns
td(off)
—
600
—
ns
tf
—
150
—
ns
Short circuit withstand time Note4
tsc
10
—
—
s
VCC
 720 V , VGE = 15 V
Tc = 150
C
Notes: 2. Pulse test.
3. Switching time test circuit and waveform are shown below.
4. Verified by design.
Switching Time Test Circuit
Waveform
Diode clamp
D.U.T
Rg
L
VCC
td(off)
td(on)
tf
tr
90%
90%
90%
10%
10%
10%
VGE
IC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com