Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HO15-NP-SP3003 Datasheet(PDF) 13 Page - LEM

Part # HO15-NP-SP3003
Description  Current Transducer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HO15-NP-SP3003 Datasheet(HTML) 13 Page - LEM

Back Button HO15-NP-SP3003 Datasheet HTML 7Page - LEM HO15-NP-SP3003 Datasheet HTML 8Page - LEM HO15-NP-SP3003 Datasheet HTML 9Page - LEM HO15-NP-SP3003 Datasheet HTML 10Page - LEM HO15-NP-SP3003 Datasheet HTML 11Page - LEM HO15-NP-SP3003 Datasheet HTML 12Page - LEM HO15-NP-SP3003 Datasheet HTML 13Page - LEM HO15-NP-SP3003 Datasheet HTML 14Page - LEM HO15-NP-SP3003 Datasheet HTML 15Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Page 13/15
17September2013/Version 2 LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
HO-NP/SP33-1000 SERIES
HO name and codification
HO name and codification
as example
The
1)2)3)4) indicate the transducer programming.
1) Reference out:
2.5 V
Code: 0
1.65 V
Code: 1
1.5 V
Code: 2
0.5 V
Code: 3
Only Vref IN
Code: 4
(Low power mode engaged)
2) Response time:
3.5 s
Code: 0
2 s
Code: 1
6 s
Code: 2
3) Control EEPROM:
YES
Code: 0
NO
Code: 1
4) Overcurrent detection:
2.9
Code: 0
3.6
Code: 1
4.0
Code: 2
4.8
Code: 3
5.2
Code: 4
5.8
Code: 5
1.7
Code: 6
2.3
Code: 7
0.67
Code: A
0.94
Code: B
1.17
Code: C
1.4
Code: D
1.6
Code: E
1.9
Code: F
2.1
Code: G
2.3
Code: H
HO 15-NP/SPXXX-1)2)3)4)
HO 15-NP-1)2)3)4)
HO 15-NP/SP33-1)2)3)4)  + 3.3 V power supply
HO 15-NP-1)2)3)4)  + 5 V power supply
SET_THRESH = 0
SET_THRESH = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com