Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAC7100CFU Datasheet(PDF) 3 Page - Motorola, Inc

Part # MAC7100CFU
Description  MAC7100 Microcontroller Family Hardware Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC7100CFU Datasheet(HTML) 3 Page - Motorola, Inc

  MAC7100CFU Datasheet HTML 1Page - Motorola, Inc MAC7100CFU Datasheet HTML 2Page - Motorola, Inc MAC7100CFU Datasheet HTML 3Page - Motorola, Inc MAC7100CFU Datasheet HTML 4Page - Motorola, Inc MAC7100CFU Datasheet HTML 5Page - Motorola, Inc MAC7100CFU Datasheet HTML 6Page - Motorola, Inc MAC7100CFU Datasheet HTML 7Page - Motorola, Inc MAC7100CFU Datasheet HTML 8Page - Motorola, Inc MAC7100CFU Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
MOTOROLA
MAC7100 Microcontroller Family Hardware Specifications
3
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
ElectricalCharacteristics
3
Electrical Characteristics
This section contains electrical information for MAC7100 Family microcontrollers. The information is
preliminary and subject to change without notice.
MAC7100 Family devices are specified and tested over the 5 V and 3.3 V ranges. For operation at any
voltage within that range, the 3.3 V specifications generally apply. However, no production testing is done
to verify operation at intermediate supply voltage levels.
3.1
Parameter Classification
The electrical parameters shown in this appendix are derived by various methods. To provide a better
understanding to the designer, the following classification is used. Parameters are tagged accordingly in in
the column labeled “C” of the parametric tables, as appropriate.
3.2
Absolute Maximum Ratings
Absolute maximum ratings are stress ratings only. Functional operation outside these maximums is not
guaranteed. Stress beyond these limits may affect reliability or cause permanent damage to the device.
MAC7100 Family devices contain circuitry protecting against damage due to high static voltage or
electrical fields; however, it is advised that normal precautions be taken to avoid application of any voltages
higher than maximum-rated voltages to this high-impedance circuit. Reliability of operation is enhanced if
unused inputs are tied to an appropriate logic voltage level (for example, either VSS5 or VDD5).
Table 2. Parametric Value Classification
P
Parameters guaranteed during production testing on each individual device.
C
Parameters derived by the design characterization and by measuring a statistically relevant
sample size across process variations.
T
Parameters derived by design characterization on a small sample size from typical devices
under typical conditions (unless otherwise noted). All values shown in the typical column
are within this classification, even if not so tagged.
D
Parameters derived mainly from simulations.
Table 3. Absolute Maximum Ratings
Num
Rating
Symbol
Min
Max
Unit
A1
I/O, Regulator and Analog Supply Voltage
VDD5–0.3
+6.0
V
A2
Digital Logic Supply Voltage 1
VDD2.5
–0.3
+3.0
V
A3
PLL Supply Voltage 1
VDDPLL
–0.3
+3.0
V
A4
ATD Supply Voltage
VDDA–0.3
+6.5
V
A5
Analog Reference
VRH, VRL
–0.3
+6.0
V
A6
Voltage difference VDDX to VDDA
∆VDDX
–0.3
+0.3
V
A7
Voltage difference VSSX to VSSA
∆VSSX
–0.3
+0.3
V
A8
Voltage difference VRH – VRL
VRH – VRL
–0.3
+6.5
V
A9
Voltage difference VDDA – VRH
VDDA – VRH
–6.5
+6.5
V
A10
Digital I/O Input Voltage
VIN
–0.3
+6.0
V
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com