Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COP8FG Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8FG
Description  8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8FG Datasheet(HTML) 1 Page - National Semiconductor (TI)

  COP8FG Datasheet HTML 1Page - National Semiconductor (TI) COP8FG Datasheet HTML 2Page - National Semiconductor (TI) COP8FG Datasheet HTML 3Page - National Semiconductor (TI) COP8FG Datasheet HTML 4Page - National Semiconductor (TI) COP8FG Datasheet HTML 5Page - National Semiconductor (TI) COP8FG Datasheet HTML 6Page - National Semiconductor (TI) COP8FG Datasheet HTML 7Page - National Semiconductor (TI) COP8FG Datasheet HTML 8Page - National Semiconductor (TI) COP8FG Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
COP8FG Family
8-Bit CMOS ROM Based and OTP Microcontrollers with
8k to 32k Memory, Two Comparators and USART
General Description
Note: COP8FG devices are 15 MHz versions of the
COP8SG devices.
The COP8FGx5 Family ROM based microcontrollers are
highly integrated COP8™ Feature core devices with 8k to
32k memory and advanced features including Analog com-
parators, and zero external components. These single-chip
CMOS devices are suited for more complex applications re-
quiring a full featured controller with larger memory, low EMI,
two comparators, and a full-duplex USART. COP8FGx7 de-
vices are 100% form-fit-function compatible 8k or 32k OTP
(One Time Programmable) versions for use in production or
development.
Erasable windowed versions are available for use with a
range of COP8 software and hardware development tools.
Family features include an 8-bit memory mapped architec-
ture, 15 MHz CKI with 0.67 µs instruction cycle, 14 inter-
rupts, three multi-function 16-bit timer/counters with PWM,
full duplex USART, MICROWIRE/PLUS™, two analog com-
parators, two power saving HALT/IDLE modes, MIWU, idle
timer, on-chip R/C oscillator, high current outputs, user se-
lectable options (WATCHDOG™, 4 clock/oscillator modes,
power-on-reset), 4.5V to 5.5V operation, program code se-
curity, and 28/40/44 pin packages.
Devices included in this datasheet are:
Device
Memory (bytes)
RAM
(bytes)
I/O Pins
Packages
Temperature
COP8FGE5
8k ROM
256
24/36/40
28 DIP/SOIC, 40 DIP, 44 PLCC/QFP
-40 to +85˚C
COP8FGG5
16k ROM
512
24/36/40
28 DIP/SOIC, 40 DIP, 44 PLCC/QFP
-40 to +85˚C
COP8FGH5
20k ROM
512
24/36/40
28 DIP/SOIC, 40 DIP, 44 PLCC/QFP
-40 to +85˚C
COP8FGK5
24k ROM
512
24/36/40
28 DIP/SOIC, 40 DIP, 44 PLCC/QFP
-40 to +85˚C
COP8FGR5
32k ROM
512
24/36/40
28 DIP/SOIC, 40 DIP, 44 PLCC/QFP
-40 to +85˚C
COP8FGE7
8k OTP EPROM
256
24/36/40
28 DIP/SOIC, 40 DIP, 44 PLCC/QFP
-40 to +85˚C
COP8FGR7
32k OTP EPROM
512
24/36/40
28 DIP/SOIC, 40 DIP, 44 PLCC/QFP
-40 to +85˚C
COP8FGR7-Q3
32k EPROM
512
24/36/40
28 DIP/SOIC, 40 DIP, 44 PLCC/QFP
Room Temp.
Key Features
n Low cost 8-bit microcontroller
n Quiet Design (low radiated emissions)
n Multi-Input Wakeup pins with optional interrupts (8 pins)
n Mask selectable clock options
— Crystal oscillator
— Crystal oscillator option with on-chip bias resistor
— External oscillator
— Internal R/C oscillator
n Internal Power-On-Reset — user selectable
n WATCHDOG and Clock Monitor Logic — user selectable
n Eight high current outputs
n 256 or 512 bytes on-board RAM
n 8k to 32k ROM or OTP EPROM with security feature
CPU Features
n Versatile easy to use instruction set
n 0.67 µs instruction cycle time
n Fourteen multi-source vectored interrupts servicing
— External interrupt / Timers T0 — T3
— MICROWIRE/PLUS Serial Interface
— Multi-Input Wake Up
— Software Trap
— USART (2; 1 receive and 1 transmit)
— Default VIS (default interrupt)
n 8-bit Stack Pointer SP (stack in RAM)
n Two 8-bit Register Indirect Data Memory Pointers
n True bit manipulation
n BCD arithmetic instructions
Peripheral Features
n Multi-Input Wakeup Logic
n Three 16-bit timers (T1 — T3), each with two 16-bit
registers supporting:
— Processor Independent PWM mode
— External Event Counter mode
— Input Capture mode
n Idle Timer (T0)
n MICROWIRE/PLUS Serial Interface (SPI Compatible)
n Full Duplex USART
n Two Analog Comparators
COP8™, MICROWIRE/PLUS™, and WATCHDOG™ are trademarks of National Semiconductor Corporation.
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
iceMASTER® is a registered trademark of MetaLink Corporation.
July 1999
© 1999 National Semiconductor Corporation
DS101116
www.national.com


Similar Part No. - COP8FG

ManufacturerPart #DatasheetDescription
logo
Clarke International
COP8 CLARKE-COP8 Datasheet
4Mb / 44P
7.5KW INVERTER GENERATOR
DL0125 Rev 2
logo
National Semiconductor ...
COP8-EMFA-28N NSC-COP8-EMFA-28N Datasheet
931Kb / 83P
8-Bit CMOS Flash Microcontroller with 8k Memory, Dual Op Amps, Virtual EEROM, Temperature Sensor,10-Bit A/D and Brownout Reset
COP8-EMFA-44P NSC-COP8-EMFA-44P Datasheet
931Kb / 83P
8-Bit CMOS Flash Microcontroller with 8k Memory, Dual Op Amps, Virtual EEROM, Temperature Sensor,10-Bit A/D and Brownout Reset
COP8-EMFA-68N NSC-COP8-EMFA-68N Datasheet
931Kb / 83P
8-Bit CMOS Flash Microcontroller with 8k Memory, Dual Op Amps, Virtual EEROM, Temperature Sensor,10-Bit A/D and Brownout Reset
COP8-EMFA-68P NSC-COP8-EMFA-68P Datasheet
931Kb / 83P
8-Bit CMOS Flash Microcontroller with 8k Memory, Dual Op Amps, Virtual EEROM, Temperature Sensor,10-Bit A/D and Brownout Reset
More results

Similar Description - COP8FG

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP884BC NSC-COP884BC Datasheet
688Kb / 57P
8-Bit CMOS ROM Based Microcontrollers with 2k Memory, Comparators, and CAN Interface
COP888EB NSC-COP888EB Datasheet
835Kb / 75P
8-Bit CMOS ROM Based Microcontrollers with 8k Memory, CAN Interface, 8-Bit A/D, and USART
COP888FH NSC-COP888FH Datasheet
507Kb / 49P
8-Bit CMOS ROM Based Microcontrollers with 12k Memory, Comparators, USART and Hardware Multiply/Divide
COP888XG NSC-COP888XG Datasheet
598Kb / 53P
8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
COP8SG NSC-COP8SG Datasheet
913Kb / 62P
8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8SGR728M8 NSC-COP8SGR728M8 Datasheet
815Kb / 61P
8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8SGE7HLQ8 NSC-COP8SGE7HLQ8 Datasheet
913Kb / 62P
8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
logo
Texas Instruments
COP888XG_CS TI1-COP888XG_CS Datasheet
631Kb / 55P
COP888xG/CS Family 8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
COP8SGE5 TI1-COP8SGE5_14 Datasheet
2Mb / 82P
COP8SG Family 8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8SGE5 TI1-COP8SGE5_15 Datasheet
1Mb / 79P
COP8SG Family 8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com