Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTSR15-NP Datasheet(PDF) 1 Page - LEM

Part # LTSR15-NP
Description  Current Transducer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LTSR15-NP Datasheet(HTML) 1 Page - LEM

  LTSR15-NP_11 Datasheet HTML 1Page - LEM LTSR15-NP_11 Datasheet HTML 2Page - LEM LTSR15-NP_11 Datasheet HTML 3Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1/3
110214/13
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
Current Transducer LTSR 15-NP
For the electronic measurement of currents: DC, AC, pulsed, mixed,
with galvanic isolation between the primary circuit (high power) and
the secondary circuit (electronic circuit).
Electrical data
I
PN
Primary nominal current rms
15
At
I
PM
Primary current, measuring range
0 .. ± 48 1)
At
Î
P
Overload capability
250
At
V
OUT
Output voltage (Analog) @
I
P
2.5 ± (0.625
·I
P/IPN) V
I
P = 0
2.5 2)
V
V
REF
Reference voltage (internal reference), Ref
OUT mode
2.5 3)
V
Reference voltage (external reference), Ref
IN mode
1.9 .. 2.7 4)
V
G
Sensitivity
41.6
mV/A
N
S
Number of secondary turns (± 0.1 %)
2000
R
L
Load resistance
≥
2
kW
C
L max
Maximum capacitive loading
500
pF
R
IM
Internal measuring resistance (± 0.5 %)
83.33
W
TCR
IM Temperature coefficient of R IM
< 50
ppm/K
V
C
Supply voltage (± 5 %)
5
V
I
C
Current consumption @
V
C = 5 V
Typ 28+
I
S
5)
+(
V
OUTR/L) m A
Accuracy - Dynamic performance data
X
Accuracy @
I
PN , TA = 25°C
± 0.2
%
Accuracy with
R
IM @ IPN , TA = 25°C
± 0.7
%
e
L
Linearity error
< 0.1
%
Max
TCV
OUT Temperature coefficient of VOUT /VREF @ IP = 0
- 40°C .. + 85°C
64
ppm/K
TCG Temperature coefficient of G
- 40°C .. + 85°C
50 6)
ppm/K
V
OM
Magnetic offset voltage @
I
P = 0,
after an overload of 3 x
I
PN
± 0.5
mV
5 x
I
PN
± 2.0
mV
10 x
I
PN
± 2.0
mV
TCV
REF Temperature coefficient of internal VREF
@
I
P = 0
- 10°C .. + 85°C
50
ppm/K
- 40°C .. - 10°C
100
ppm/K
t
ra
Reaction time @ 10 % of
I
PN
< 100
ns
t
r
Response time to 90 % of
I
PN step
< 400
ns
di/dt di/dt accurately followed
> 35
A/µs
BW
Frequency bandwidth (0 .. - 0.5 dB)
DC .. 100
kHz
(- 0.5 .. 1 dB)
DC .. 200
kHz
Notes: 1) Only in ref
OUT mode or with external REF less than 2.525 V and greater than
2.475 V. For external REF out of these limits see leaflet. 2)
V
OUT is linked to V
REF, by
conception the difference between these two nodes for
IP = 0 is maximum ± 25 mV,
2.475 V <
V
OUT < 2.525 V.
3)
In Ref
OUT mode at T
A = 25°C, 2.475 V< VREF
< 2.525 V. The minimal impedance loading the ref pin should be > 220 kW. Internal
impedance = 600 W. For most applications you need to buffer this output to feed it
into an ADC for example. 4) To overdrive the REF (1.9 V .. 2.7 V) max ± 1 mA is
needed. 5)
I
S = IP/NS.
6)
Only due to
TCR IM.
Features
● Closed loop (compensated)
multirange current transducer
using the Hall effect
● Unipolar voltage supply
● Isolated plastic case recognized
according to UL 94-V0
● Compact design for PCB
mounting
● Incorporated measuring
resistance
● Extended measuring range
● Access to the internal voltage
reference
● Possibility to feed the transducer
reference from external supply.
Advantages
● Excellent accuracy
● Very good linearity
● Very low temperature drift
● Optimized response time
● Wide frequency bandwidth
● No insertion losses
● High immunity to external
interference
● Current overload capability.
Applications
● AC variable speed drives and
servo motor drives
● Static converters for DC motor
drives
● Battery supplied applications
● Uninterruptible Power Supplies (UPS)
● Switched Mode Power Supplies
(SMPS)
● Power supplies for welding
applications.
Application Domain
● Industrial.
16196
I
PN
= 15 At


Similar Part No. - LTSR15-NP_11

ManufacturerPart #DatasheetDescription
logo
LEM
LTSR15-NP LEM-LTSR15-NP Datasheet
148Kb / 3P
Current Transducer
More results

Similar Description - LTSR15-NP_11

ManufacturerPart #DatasheetDescription
logo
LEM
HAL100-S LEM-HAL100-S Datasheet
40Kb / 2P
Current Transducer
HAS50-S LEM-HAS50-S_06 Datasheet
723Kb / 2P
Current Transducer
HAT200-S LEM-HAT200-S Datasheet
374Kb / 3P
Current Transducer
HTFS200-P LEM-HTFS200-P_05 Datasheet
166Kb / 3P
Current Transducer
HX03-SP2 LEM-HX03-SP2 Datasheet
660Kb / 2P
Current Transducer
HXS50-NP LEM-HXS50-NP Datasheet
295Kb / 3P
Current Transducer
LA125-P LEM-LA125-P_06 Datasheet
66Kb / 2P
Current Transducer
LA200-P LEM-LA200-P_06 Datasheet
274Kb / 2P
Current Transducer
LF305-S LEM-LF305-S_06 Datasheet
190Kb / 3P
Current Transducer
LF2005-S LEM-LF2005-S_06 Datasheet
84Kb / 2P
Current Transducer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com