Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAC7100MPV Datasheet(PDF) 10 Page - Motorola, Inc

Part # MAC7100MPV
Description  MAC7100 Microcontroller Family Hardware Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC7100MPV Datasheet(HTML) 10 Page - Motorola, Inc

Back Button MAC7100MPV Datasheet HTML 6Page - Motorola, Inc MAC7100MPV Datasheet HTML 7Page - Motorola, Inc MAC7100MPV Datasheet HTML 8Page - Motorola, Inc MAC7100MPV Datasheet HTML 9Page - Motorola, Inc MAC7100MPV Datasheet HTML 10Page - Motorola, Inc MAC7100MPV Datasheet HTML 11Page - Motorola, Inc MAC7100MPV Datasheet HTML 12Page - Motorola, Inc MAC7100MPV Datasheet HTML 13Page - Motorola, Inc MAC7100MPV Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
10
MAC7100 Microcontroller Family Hardware Specifications
MOTOROLA
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Electrical Characteristics
3.6.4
Voltage Regulator Characteristics
Table 13. VREG Operating Conditions
Num
C
Characteristic
Symbol
Min
Typical
Max
Unit
E1
P Input Voltages
VVDDRA
2.97
—
5.5
V
E2
P Regulator Current
Reduced Power Mode
Shutdown Mode
IREG
—
—
TBD
TBD
50
40
µA
µA
E3
P Output Voltage Core
Full Performance Mode
Reduced Power Mode
Shutdown Mode
VDD
2.45
1.60
—
2.5
2.5
— 1
1 High Impedance Output.
2.75
2.75
—
V
V
V
E4
P Output Voltage PLL
Full Performance Mode
Reduced Power Mode 2
Reduced Power Mode 3
Shutdown Mode
2 Current IDDPLL = 1mA (Low Power Oscillator).
3 Current IDDPLL = 3mA (Standard Oscillator).
VDDPLL
2.35
2.00
1.60
—
2.5
2.5
2.5
—1
2.75
2.75
2.75
—
V
V
V
V
E5
P Low Voltage Interrupt 4
Assert Level
Deassert Level
4 Monitors VDDA, active only in full performance mode. Indicated I/O and ATD performance degradation due to low supply
voltage.
VLVIA
VLVID
4.10
4.25
4.37
4.52
4.66
4.77
V
V
E6
P Low Voltage Reset 5
Assert Level
5 Monitors VDD2.5, active only in full performance mode. Only POR is active in reduced performance mode.
VLVRA
2.25
2.35
—
V
E7
P Power On Reset 6
Assert Level
Deassert Level
6 Monitors VDD2.5, active in all modes.
VPORA
VPORD
0.97
—
—
—
—
2.05
V
V
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com