Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB9B360R Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # MB9B360R
Description  32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B360R Datasheet(HTML) 1 Page - Cypress Semiconductor

  MB9B360R Datasheet HTML 1Page - Cypress Semiconductor MB9B360R Datasheet HTML 2Page - Cypress Semiconductor MB9B360R Datasheet HTML 3Page - Cypress Semiconductor MB9B360R Datasheet HTML 4Page - Cypress Semiconductor MB9B360R Datasheet HTML 5Page - Cypress Semiconductor MB9B360R Datasheet HTML 6Page - Cypress Semiconductor MB9B360R Datasheet HTML 7Page - Cypress Semiconductor MB9B360R Datasheet HTML 8Page - Cypress Semiconductor MB9B360R Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 166 page
background image
MB9B360R Series
32-Bit ARM
® Cortex® - M4F
FM4 Microcontroller
Cypress Semiconductor Corporation
• 198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document Number: 002-04872 Rev.*A
Revised March 3, 2016
The MB9B360R Series are a highly integrated 32-bit microcontrollers dedicated for embedded controllers with high-performance
and competitive cost.
These series are based on the ARM
® Cortex®-M4F Processor with on-chip Flash memory and SRAM, and has peripheral functions
such as Motor Control Timers, ADCs and Communication Interfaces (USB, UART, CSIO, I
2C, LIN).
Features
32-bit ARM
® Cortex®-M4F Core
Processor version: r2p1
Up to 160 MHz Frequency Operation
FPU built-in
Support DSP instruction
Memory Protection Unit (MPU): improves the reliability of an
embedded system
Integrated Nested Vectored Interrupt Controller (NVIC): 1
NMI (non-maskable interrupt) and 128 peripheral interrupts
and 16 priority levels
24-bit System timer (Sys Tick): System timer for OS task
management
On-chip Memories
[Flash memory]
These series are based on two independent on-chip Flash
memories.
MainFlash memory
Up to 1024 Kbytes
Built-in Flash Accelerator System with 16 Kbytes trace
buffer memory
The read access to Flash memory can be achieved without
wait-cycle up to operation frequency of 72 MHz. Even at
the operation frequency more than 72 MHz, an equivalent
access to Flash memory can be obtained by Flash
Accelerator System.
Security function for code protection
WorkFlash memory
32 Kbytes
Read cycle:
• 6wait-cycle: the operation frequency more than 120 MHz,
and up to 160 MHz
• 4wait-cycle: the operation frequency more than 72 MHz,
and up to 120 MHz
• 2wait-cycle: the operation frequency more than 40 MHz,
and up to 72 MHz
• 0wait-cycle: the operation frequency up to 40MHz
Security function is shared with code protection
[SRAM]
This is composed of three independent SRAMs (SRAM0,
SRAM1 and SRAM2). SRAM0 is connected to I-code bus or
D-code bus of Cortex-M4F core. SRAM1 and SRAM2 are
connected to System bus of Cortex-M4F core.
SRAM0: Up to 64 Kbytes
SRAM1: Up to 32 Kbytes
SRAM2: Up to 32 Kbytes
External Bus Interface
Supports SRAM, NOR, NAND Flash and SDRAM device
Up to 9 chip selects CS0 to CS8 (CS8 is only for SDRAM)
8/16-bit Data width
Up to 25-bit Address bit
Supports Address/Data multiplex
Supports external RDY function
Supports scramble function
Possible to set the validity/invalidity of the scramble function
for the external areas 0x6000_0000 to 0xDFFF_FFFF in 4
Mbytes units.
Possible to set two kinds of the scramble key
Note: It is necessary to prepare the dedicated software
library to use the scramble function.
USB Interface
USB interface is composed of Function and Host.
[USB function]
USB2.0 Full-Speed supported
Max 6 EndPoint supported
EndPoint 0 is control transfer
EndPoint 1, 2 can be selected Bulk-transfer,
Interrupt-transfer or Isochronous-transfer
EndPoint 3 to 5 can select Bulk-transfer or
Interrupt-transfer
EndPoint 1 to 5 comprise Double Buffer
The size of each endpoint is according to the follows.
• Endpoint 0, 2 to 5 : 64bytes
• Endpoint 1 : 256bytes


Similar Part No. - MB9B360R

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB9B360L CYPRESS-MB9B360L Datasheet
1Mb / 128P
32-Bit Arm짰 Cortex짰-M4F FM4 Microcontroller
More results

Similar Description - MB9B360R

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB9B560R CYPRESS-MB9B560R Datasheet
3Mb / 169P
32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
S6E2C1 CYPRESS-S6E2C1 Datasheet
4Mb / 191P
32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
S6E2C3 CYPRESS-S6E2C3 Datasheet
5Mb / 198P
32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
S6E2C5 CYPRESS-S6E2C5 Datasheet
5Mb / 200P
32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
MB9B160L CYPRESS-MB9B160L Datasheet
2Mb / 118P
32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
MB9BF564KQN CYPRESS-MB9BF564KQN Datasheet
2Mb / 124P
32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
logo
Texas Instruments
S6E2C2AL0AGL20000 TI1-S6E2C2AL0AGL20000 Datasheet
5Mb / 207P
32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
S6E2C49J0AGB10000 TI1-S6E2C49J0AGB10000 Datasheet
4Mb / 193P
32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
logo
Cypress Semiconductor
MB9B360L CYPRESS-MB9B360L Datasheet
1Mb / 128P
32-Bit Arm짰 Cortex짰-M4F FM4 Microcontroller
MB9B460L CYPRESS-MB9B460L Datasheet
1Mb / 122P
32-Bit Arm짰 Cortex짰-M4F FM4 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com