| Electronic Components Datasheet Search |
|
S6E2C3 Datasheet(PDF) 86 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
S6E2C3 Datasheet(HTML) 86 Page - Cypress Semiconductor |
|
86 / 198 page ![]() Document Number: 002-04988 Rev.*A Page 86 of 198 S6E2C3 Series Function Group Power-On Reset or Low- Voltage Detection State INITX Input State Device Internal Reset State Run mode or Sleep mode State Timer mode, RTC mode, or Stop mode State Deep Standby RTC Mode or Deep Standby Stop mode State Return From Deep Standby Mode State Power Supply Unstable Power Supply Stable Power Supply Stable Power Supply Stable Power Supply Stable Power Supply Stable ‐ INITX=0 INITX=1 INITX=1 INITX=1 INITX=1 INITX=1 ‐ ‐ ‐ ‐ SPL=0 SPL=1 SPL=0 SPL=1 - F NMIX selected Setting disabled Setting disabled Setting disabled Maintain previous state Maintain previous state Maintain previous state WKUP input enabled Hi-Z/ WKUP input enabled Maintain previous state Resource other than above selected Hi-Z Hi-Z/ input enabled Hi-Z/ input enabled Hi-Z/ internal input fixed at 0 GPIO selected GPIO selected G JTAG selected Hi-Z Pull-up/ input enabled Pull-up/ input enabled Maintain previous state Maintain previous state Maintain previous state Maintain previous state Maintain previous state Maintain previous state GPIO selected Setting disabled Setting disabled Setting disabled Hi-Z/ internal input fixed at 0 GPIO selected, internal input fixed at 0 Hi-Z/ internal input fixed at 0 GPIO selected H JTAG selected Hi-Z Pull-up/ input enabled Pull-up/ input enabled Maintain previous state Maintain previous state Maintain previous state Maintain previous state Maintain previous state Maintain previous state Resource other than above selected Setting disabled Setting disabled Setting disabled Hi-Z/Interna l input fixed at 0 GPIO selected, internal input fixed at 0 Hi-Z/Interna l input fixed at 0 GPIO selected GPIO selected I Resource selected Hi-Z Hi-Z/ input enabled Hi-Z/ input enabled Maintain previous state Maintain previous state Hi-Z/Interna l input fixed at 0 GPIO selected, internal input fixed at 0 Hi-Z/interna l input fixed at 0 GPIO selected GPIO selected |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |