Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAC7100CVF Datasheet(PDF) 19 Page - Motorola, Inc

Part # MAC7100CVF
Description  MAC7100 Microcontroller Family Hardware Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC7100CVF Datasheet(HTML) 19 Page - Motorola, Inc

Back Button MAC7100CVF Datasheet HTML 15Page - Motorola, Inc MAC7100CVF Datasheet HTML 16Page - Motorola, Inc MAC7100CVF Datasheet HTML 17Page - Motorola, Inc MAC7100CVF Datasheet HTML 18Page - Motorola, Inc MAC7100CVF Datasheet HTML 19Page - Motorola, Inc MAC7100CVF Datasheet HTML 20Page - Motorola, Inc MAC7100CVF Datasheet HTML 21Page - Motorola, Inc MAC7100CVF Datasheet HTML 22Page - Motorola, Inc MAC7100CVF Datasheet HTML 23Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
19
MAC7100 Microcontroller Family Hardware Specifications
MOTOROLA
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Electrical Characteristics
3.9
External Bus Timing Specifications
Table 22 lists processor bus input timings, which are shown in Figure 6, Figure 7 and Figure 8.
NOTE
All processor bus timings are synchronous; that is, input setup/hold and
output delay with respect to the rising edge of a reference clock. The
reference clock is the CLKOUT output.
All other timing relationships can be derived from these values.
Figure 6. General Input Timing Requirements
Table 22. External Bus Input Timing Specifications
Num C
Rating 1
1 Timing specifications have been indicated taking into account the full drive strength for the pads.
Symbol
Min
Max Unit
L1
CLKOUT
tCYC
23
—
ns
Control Inputs
L2a
Control input valid to CLKOUT high 2
2 TA pins are being referred to as control inputs.
tCVCH
13
—
ns
L3a
CLKOUT high to control inputs invalid 2
tCHCII
0—
ns
Data Inputs
L4
Data input (DATA[15:0]) valid to CLKOUT high
tDIVCH
9—
ns
L5
CLKOUT high to data input (DATA[15:0]) invalid
tCHDII
0—
ns
CLKOUT(45MHz)
1.5 V
1.5 V
Valid
Invalid
Invalid
tSETUP
tHOLD
Input Setup & Hold
Input Rise Time
VH = VIH
VL = VIL
tRISE = 1.5 ns
Input Fall Time
VH = VIH
VL = VIL
tFALL = 1.5 ns
CLKOUT
Inputs
1.5 V
L4
L5
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com