Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S6E2G Datasheet(PDF) 93 Page - Cypress Semiconductor

Part # S6E2G
Description  32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6E2G Datasheet(HTML) 93 Page - Cypress Semiconductor

Back Button S6E2G Datasheet HTML 89Page - Cypress Semiconductor S6E2G Datasheet HTML 90Page - Cypress Semiconductor S6E2G Datasheet HTML 91Page - Cypress Semiconductor S6E2G Datasheet HTML 92Page - Cypress Semiconductor S6E2G Datasheet HTML 93Page - Cypress Semiconductor S6E2G Datasheet HTML 94Page - Cypress Semiconductor S6E2G Datasheet HTML 95Page - Cypress Semiconductor S6E2G Datasheet HTML 96Page - Cypress Semiconductor S6E2G Datasheet HTML 97Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 190 page
background image
Document Number: 001-98708 Rev *B
Page 93 of 190
S6E2G Series
Table 12-3 Typical and Maximum Current Consumption in Normal Operation (PLL), Code with Data Accessing Running
from Flash Memory (Flash 0 Wait-Cycle Mode and Read Access 0 Wait)
Parameter
Symbol
Pin
Name
Conditions
Frequency
*
4
Value
Unit
Remarks
Typ
*
1
Max
*
2
Power
supply
current
ICC
VCC
Normal
operation
*6,*7
(PLL)
*5
72 MHz
54
112
mA
*3
When all peripheral
clocks are on
60 MHz
47
105
mA
48 MHz
39
97
mA
36 MHz
31
89
mA
24 MHz
23
81
mA
12 MHz
14
72
mA
8 MHz
11
69
mA
4 MHz
7.2
65
mA
*5
72 MHz
37
95
mA
*3
When all peripheral
clocks are off
60 MHz
33
91
mA
48 MHz
28
86
mA
36 MHz
23
81
mA
24 MHz
17
75
mA
12 MHz
11
69
mA
8 MHz
8.3
66
mA
4 MHz
5.9
63
mA
1: TA = +25 °C, VCC = 3.3 V
2: TJ = +125 °C, VCC = 5.5 V
3: When all ports are fixed
4: Frequency is a value of HCLK when PCLK0 = PCLK1 = PCLK2 = HCLK
5: When operating flash 0 wait-cycle mode and read access 0 wait (FRWTR.RWT = 00, FBFCR.SD = 000)
6: With data access to a MainFlash memory.
7: When using the crystal oscillator of 4 MHz (including the current consumption of the oscillation circuit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com