Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC846 Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC846
Description  Hgh -w=der Vtige, Hgh Density Mounting Type Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC846 Datasheet(HTML) 1 Page - Sharp Corporation

  PC846 Datasheet HTML 1Page - Sharp Corporation PC846 Datasheet HTML 2Page - Sharp Corporation PC846 Datasheet HTML 3Page - Sharp Corporation PC846 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PC816 Sense
Density Mounting Type
Lead
type ( I type)
and
taping
reel
type
(P type) are
available. (
6P)
s
1. High collector-emitter voltage (V
:
70V)
1. Programmable controllers, computers
2. Compact dual-in-line package
2. System appliances, measuring instruments
PC816 : l-channel type
3. Signal transmission between circuits of
: 2-channel type
different potentials and impedances
: 4-channel type
3. High isolation voltage between input and
output
: 5
Current transfer ratio
: MIN.
at
5. Recognized by UL, file No.
s Outline Dimensions
Emitter
to
13”
(Unit : mm
internal
connection
diagram
I
19.6 2
20 5
to
“In
of
by device
no
using
of
data
SHARP
waler
of
device
433


Similar Part No. - PC846

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC844 SHARP-PC844 Datasheet
74Kb / 5P
AC Input Photocoupler
PC844 SHARP-PC844 Datasheet
335Kb / 12P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC844A SHARP-PC844A Datasheet
74Kb / 5P
AC Input Photocoupler
PC844X SHARP-PC844X Datasheet
212Kb / 12P
DIP 16pin (4-channel) AC Input Photocoupler
PC845 SHARP-PC845 Datasheet
106Kb / 5P
High Sensitivity, High Density Mounting Type Photocoupler
More results

Similar Description - PC846

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS388 TOSHIBA-1SS388 Datasheet
123Kb / 2P
DIODE (HGH SPEED SWITCHING APPLICATION)
logo
Sharp Corporation
PC817A SHARP-PC817A Datasheet
85Kb / 4P
High Density Mounting Type Photocoupler
PC818 SHARP-PC818 Datasheet
66Kb / 4P
High Density Mounting Type Photocoupler
PC829 SHARP-PC829 Datasheet
79Kb / 4P
High Density Mounting Type Photocoupler
logo
Lite-On Technology Corp...
LTV-819 LITEON-LTV-819 Datasheet
717Kb / 5P
High Density Mounting Type Photocoupler
logo
SeCoS Halbleitertechnol...
BL817 SECOS-BL817 Datasheet
676Kb / 4P
High Density Mounting Type Photocoupler
BL817S SECOS-BL817S Datasheet
589Kb / 4P
High Density Mounting Type Photocoupler
logo
Shenzhen Tenand Technol...
LTV-817_V1 TENAND-LTV-817_V1 Datasheet
1Mb / 5P
High Density Mounting Type Photocoupler
logo
Guangdong Kexin Industr...
PC817 KEXIN-PC817 Datasheet
1Mb / 4P
High Density Mounting Type Photocoupler
logo
Lite-On Technology Corp...
LTV-817 LITEON-LTV-817_V01 Datasheet
698Kb / 5P
High Density Mounting Type Photocoupler
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com