Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COP8FGR7-Q3 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8FGR7-Q3
Description  8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8FGR7-Q3 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button COP8FGR7-Q3 Datasheet HTML 11Page - National Semiconductor (TI) COP8FGR7-Q3 Datasheet HTML 12Page - National Semiconductor (TI) COP8FGR7-Q3 Datasheet HTML 13Page - National Semiconductor (TI) COP8FGR7-Q3 Datasheet HTML 14Page - National Semiconductor (TI) COP8FGR7-Q3 Datasheet HTML 15Page - National Semiconductor (TI) COP8FGR7-Q3 Datasheet HTML 16Page - National Semiconductor (TI) COP8FGR7-Q3 Datasheet HTML 17Page - National Semiconductor (TI) COP8FGR7-Q3 Datasheet HTML 18Page - National Semiconductor (TI) COP8FGR7-Q3 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 59 page
background image
5.0 Functional Description (Continued)
RAM:
UNAFFECTED after RESET with power already applied
RANDOM after RESET at power-on
USART:
PSR, ENU, ENUR, ENUI: Cleared except the TBMT bit
which is set to one.
COMPARATORS:
CMPSL; CLEARED
WATCHDOG (if enabled):
The device comes out of reset with both the WATCH-
DOG logic and the Clock Monitor detector armed, with the
WATCHDOG service window bits set and the Clock Monitor
bit set. The WATCHDOG and Clock Monitor circuits are in-
hibited during reset. The WATCHDOG service window bits
being initialized high default to the maximum WATCHDOG
service window of 64k t
C clock cycles. The Clock Monitor bit
being initialized high will cause a Clock Monitor error follow-
ing reset if the clock has not reached the minimum specified
frequency at the termination of reset. A Clock Monitor error
will cause an active low error output on pin G1. This error
output will continue until 16 t
C–32 tC clock cycles following
the clock frequency reaching the minimum specified value,
at which time the G1 output will go high.
5.7.1 External Reset
The RESET input when pulled low initializes the device. The
RESET pin must be held low for a minimum of one instruc-
tion cycle to guarantee a valid reset. During Power-Up initial-
ization, the user must ensure that the RESET pin is held low
until the device is within the specified V
CC voltage. An R/C
circuit on the RESET pin with a delay 5 times (5x) greater
than the power supply rise time or 15 µs whichever is
greater, is recommended. Reset should also be wide enough
to ensure crystal start-up upon Power-Up.
RESET may also be used to cause an exit from the HALT
mode.
A recommended reset circuit for this device is shown in
Fig-
ure 10.
5.7.2 On-Chip Power-On Reset
The on-chip reset circuit is selected by a bit in the ECON reg-
ister. When enabled, the device generates an internal reset
as V
CC rises to a voltage level above 2.0V. The on-chip reset
circuitry is able to detect both fast and slow rise times on V
CC
(V
CC rise time between 10 ns and 50 ms).To guarantee an
on-chip power-on-reset, V
CCmust start at a voltage less than
the start voltage specified in the DC characteristics. Also, if
V
CC be lowered to the start voltage before powering back up
to the operating range. If this is not possible, it is recom-
mended that external reset be used.
Under no circumstances should the RESET pin be allowed
to float. If the on-chip Power-On Reset feature is being used,
RESET pin should be connected directly to V
CC. The output
of the power-on reset detector will always preset the Idle
timer to 0FFF(4096 t
C). At this time, the internal reset will be
generated.
If the Power-On Reset feature is enabled, the internal reset
will not be turned off until the Idle timer underflows. The inter-
nal reset will perform the same functions as external reset.
The user is responsible for ensuring that V
CC is at the mini-
mum level for the operating frequency within the 4096 t
C. Af-
ter the underflow, the logic is designed such that no addi-
tional internal resets occur as long as V
CC remains above
2.0V.
The contents of data registers and RAM are unknown follow-
ing the on-chip reset.
DS101116-14
RC >5x power supply rise time or 15 µs, whichever is greater.
FIGURE 10. Reset Circuit Using External Reset
DS101116-15
FIGURE 11. Reset Timing (Power-On Reset Enabled)
with V
CC Tied to RESET
DS101116-16
FIGURE 12. Reset Circuit Using Power-On Reset
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com