Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GSIB2540N-M3/45 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # GSIB2540N-M3/45
Description  Single-Phase Single In-Line Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GSIB2540N-M3/45 Datasheet(HTML) 1 Page - Vishay Siliconix

  GSIB2540N-M3/45 Datasheet HTML 1Page - Vishay Siliconix GSIB2540N-M3/45 Datasheet HTML 2Page - Vishay Siliconix GSIB2540N-M3/45 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GSIB2520N, GSIB2540N, GSIB2560N, GSIB2580N
www.vishay.com
Vishay General Semiconductor
Revision: 26-Jun-13
1
Document Number: 89389
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Single-Phase Single In-Line Bridge Rectifiers
FEATURES
• UL recognition file number E54214
• Thin single in-Iine package
• Glass passivated chip junction
• High surge current capability
• High case dielectric strength of 2500 VRMS
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
General purpose use in AC/DC bridge full wave rectification
for switching power supply, home appliances, office
equipment, industrial automation applications.
MECHANICAL DATA
Case: GSIB-5S
Molding compound meets UL 94 V-0 flammability rating
Base
P/N-M3
-
halogen-free,
RoHS-compliant,
and
commercial grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 1A whisker test
Polarity: As marked on body
Mounting Torque: 10 cm-kg (8.8 in-lbs) maximum
Recommended Torque: 5.7 cm-kg (5 in-lbs)
Notes
(1) Unit case mounted on aluminum plate heatsink
(2) Units mounted on PCB without heatsink
PRIMARY CHARACTERISTICS
Package
GSIB-5S
IF(AV)
25 A
VRRM
200 V, 400 V, 600 V, 800 V
IFSM
350 A
IR
10 μA
VF at IF = 12.5 A
1.0 V
TJ max.
150 °C
Diode variations
In-Line
Case Style GSIB-5S
~
~
~
~
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
GSIB2520N
GSIB2540N
GSIB2560N
GSIB2580N
UNIT
Maximum repetitive peak reverse voltage
VRRM
200
400
600
800
V
Maximum RMS voltage
VRMS
140
280
420
560
V
Maximum DC blocking voltage
VDC
200
400
600
800
V
Maximum average forward rectified
output current at
TC = 98 °C
IF(AV) (1)
25
A
TA = 25 °C
IF(AV) (2)
3.5
Peak forward surge current single sine-wave
superimposed on rated load
IFSM
350
A
Rating for fusing (t < 8.3 ms)
I2t
500
A2s
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 150
°C


Similar Part No. - GSIB2540N-M3/45

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GSIB2540N VISHAY-GSIB2540N Datasheet
89Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
15-Aug-11
GSIB2540N VISHAY-GSIB2540N Datasheet
92Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
09-Jul-2020
More results

Similar Description - GSIB2540N-M3/45

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GSIB2520 VISHAY-GSIB2520 Datasheet
55Kb / 2P
Single-Phase Single In-Line Bridge Rectifiers
1-Dec-03
GSIB620 VISHAY-GSIB620_08 Datasheet
104Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
31-Jan-08
VSIB6A20 VISHAY-VSIB6A20 Datasheet
95Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
15-Dec-08
VSIB1520 VISHAY-VSIB1520 Datasheet
95Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
15-Dec-08
GSIB1520N VISHAY-GSIB1520N Datasheet
90Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
15-Aug-11
GSIB25XX VISHAY-GSIB25XX Datasheet
83Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
16-Aug-13
LVB1560 VISHAY-LVB1560_13 Datasheet
69Kb / 3P
Single-Phase Single In-Line Bridge Rectifiers
26-Jun-13
GSIB2020 VISHAY-GSIB2020_V01 Datasheet
93Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
09-Jul-2020
GSIB2520N VISHAY-GSIB2520N_V01 Datasheet
92Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
09-Jul-2020
GSIB620N VISHAY-GSIB620N_V01 Datasheet
93Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
09-Jul-2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com