Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74LVC2G14DBVRG4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G14DBVRG4
Description  DUAL SCHMITT-TRIGGER INVERTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2G14DBVRG4 Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVC2G14DBVRG4 Datasheet HTML 1Page - Texas Instruments SN74LVC2G14DBVRG4 Datasheet HTML 2Page - Texas Instruments SN74LVC2G14DBVRG4 Datasheet HTML 3Page - Texas Instruments SN74LVC2G14DBVRG4 Datasheet HTML 4Page - Texas Instruments SN74LVC2G14DBVRG4 Datasheet HTML 5Page - Texas Instruments SN74LVC2G14DBVRG4 Datasheet HTML 6Page - Texas Instruments SN74LVC2G14DBVRG4 Datasheet HTML 7Page - Texas Instruments SN74LVC2G14DBVRG4 Datasheet HTML 8Page - Texas Instruments SN74LVC2G14DBVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
www.ti.com
DESCRIPTION/ORDERING INFORMATION (CONTINUED)
1A
1Y
1
6
2A
2Y
3
4
Absolute Maximum Ratings
(1)
SN74LVC2G14
DUAL SCHMITT-TRIGGER INVERTER
SCES200J – APRIL 1999 – REVISED JUNE 2005
The SN74LVC2G14 contains two inverters and performs the Boolean function Y = A. The device functions as
two independent inverters, but because of Schmitt action, it may have different input threshold levels for
positive-going (VT+) and negative-going (VT–) signals.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
FUNCTION TABLE
(EACH INVERTER)
INPUT
OUTPUT
A
Y
H
L
L
H
LOGIC DIAGRAM (POSITIVE LOGIC)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
6.5
V
VI
Input voltage range(2)
–0.5
6.5
V
VO
Voltage range applied to any output in the high-impedance or power-off state(2)
–0.5
6.5
V
VO
Voltage range applied to any output in the high or low state(2)(3)
–0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
±50
mA
Continuous current through VCC or GND
±100
mA
DBV package
165
DCK package
259
θ
JA
Package thermal impedance(4)
°C/W
YEA/YZA package
143
YEP/YZP package
123
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input negative-voltage and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(3)
The value of VCC is provided in the recommended operating conditions table.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com