Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KBPC3512FP Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # KBPC3512FP
Description  Silicon-Bridge-Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

KBPC3512FP Datasheet(HTML) 1 Page - Diotec Semiconductor

  KBPC3512FP Datasheet HTML 1Page - Diotec Semiconductor KBPC3512FP Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KBPC3500FP ... KBPC3514FP, KBPC3500WP ... KBPC3514WP
KBPC3500FP ... KBPC3514FP, KBPC3500WP ... KBPC3514WP
Silicon-Bridge-Rectifiers
Silizium-Brückengleichrichter
Version 2015-02-12
Type “FP“
Type “WP“
Dimensions - Maße [mm]
Nominal current
Nennstrom
35 A
Alternating input voltage
Eingangswechselspannung
35...900 V
Plastic case with alu bottom
Plastikgehäuse mit Alu-Boden
28.6 x 28.6 x 7.3 [mm]
Terminals
Anschlüsse
FP = Fast-on 1)
WP = Wire 1)
Weight approx.
Gewicht ca.
17 g
Compound has classification UL94V-0
Vergussmasse nach UL94V-0 klassifiziert
Standard packaging bulk
Standard Lieferform lose im Karton
Recognized Product – Underwriters Laboratories Inc.® File E175067
Anerkanntes Produkt – Underwriters Laboratories Inc.® Nr. E175067
Maximum ratings
Grenzwerte
Type
Typ
Max. alternating input voltage
Max. Eingangswechselspannung
VVRMS [V]
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V] 2)
KBPC3500FP/WP
35
50
KBPC3501FP/WP
70
100
KBPC3502FP/WP
140
200
KBPC3504FP/WP
280
400
KBPC3506FP/WP
420
600
KBPC3508FP/WP
560
800
KBPC3510FP/WP
700
1000
KBPC3512FP/WP
800
1200
KBPC3514FP/WP
900
1400
1
Solderable per MIL-STD-202, Method 208, terminal temperature not exceeding 260°C
Lötbar gemäß MIL-STD-202, Methode 208, Temperatur der Anschlussdrähte nicht höher als 260°C
2
Valid per diode – Gültig pro Diode
© Diotec Semiconductor AG
http://www.diotec.com/
1
28.6
±0.2
min. 30
Ø 5.2
18±0.5
11.6
±0.5
+
7.3
+
=
=
28.6±0.5
21.6±1
Ø 5.2
±0.2
18.1±0.5
16.6±0.5
6.7
+
7.3
+
=
=
+0.7
- 0.1
~
~


Similar Part No. - KBPC3512FP

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
KBPC3512FP DIOTEC-KBPC3512FP Datasheet
339Kb / 2P
Silicon-Bridge-Rectifiers
KBPC3512FP DIOTEC-KBPC3512FP Datasheet
334Kb / 2P
Silicon-Bridge-Rectifiers
KBPC3512FP DIOTEC-KBPC3512FP Datasheet
389Kb / 2P
Single Phase Bridge Rectifier
KBPC3512FP DIOTEC-KBPC3512FP Datasheet
353Kb / 2P
Single Phase Bridge Rectifier
KBPC3512FP/WP DIOTEC-KBPC3512FP/WP Datasheet
413Kb / 2P
Silicon-Bridge-Rectifiers
More results

Similar Description - KBPC3512FP

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GBI15A DIOTEC-GBI15A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBI25A DIOTEC-GBI25A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBS4A DIOTEC-GBS4A Datasheet
146Kb / 2P
Silicon-Bridge Rectifiers
GBU6A DIOTEC-GBU6A Datasheet
168Kb / 2P
Silicon-Bridge Rectifiers
GBU12A DIOTEC-GBU12A Datasheet
187Kb / 2P
Silicon-Bridge Rectifiers
KBPC2500FW DIOTEC-KBPC2500FW Datasheet
153Kb / 2P
Silicon-Bridge Rectifiers
B125C2300-1500 DIOTEC-B125C2300-1500 Datasheet
62Kb / 2P
Silicon-Bridge Rectifiers
logo
Semikron International
GBU6A SEMIKRON-GBU6A Datasheet
221Kb / 2P
Silicon-Bridge Rectifiers
B40C3200-2200 SEMIKRON-B40C3200-2200 Datasheet
170Kb / 2P
Silicon-Bridge Rectifiers
B40C7000-4000 SEMIKRON-B40C7000-4000 Datasheet
178Kb / 2P
Silicon-Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com