Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STV0674-100TQFP Datasheet(PDF) 27 Page - STMicroelectronics

Part # STV0674-100TQFP
Description  Tri-mode CMOS digital camera co-processor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0674-100TQFP Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STV0674-100TQFP Datasheet HTML 23Page - STMicroelectronics STV0674-100TQFP Datasheet HTML 24Page - STMicroelectronics STV0674-100TQFP Datasheet HTML 25Page - STMicroelectronics STV0674-100TQFP Datasheet HTML 26Page - STMicroelectronics STV0674-100TQFP Datasheet HTML 27Page - STMicroelectronics STV0674-100TQFP Datasheet HTML 28Page - STMicroelectronics STV0674-100TQFP Datasheet HTML 29Page - STMicroelectronics STV0674-100TQFP Datasheet HTML 30Page - STMicroelectronics STV0674-100TQFP Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
27/35
STV0674
Pinout and Pin Description
AUDIO FRONT-END INPUT, AND BIAS PINS
18
AP
ANA
VIN+
20
AN
ANA
VIN-
19
CBS
ANA
VBIAS, see
Figure 17
SPECIAL FUNCTION PINS
87, 88, 89,
90, 91, 92,
95,6
SFP[7:0]
SFP
Special function pin operation is firmware
specific.
66, 69, 70,
80, 83, 84,
85,86
SFP[15:8]
SFP
Special function pin operation is firmware
specific.
44, 45, 46,
56, 62, 63,
64, 65
SFP[23:16]
SFP
Special function pin operation is firmware
specific.
99, 100, 1, 2,
3, 4, 5, 33
SFP[31:24]
SFP
Special function pin operation is firmware
specific.
75, 76, 77,
78,79, 96,
97, 98
SFP[39:32]
SFP
Special function pin operation is firmware
specific.
51, 52, 53,
54, 71, 72,
73, 74
SFP[47:40]
SFP
Special function pin operation is firmware
specific.
27, 28, 29,
30, 47, 48,
49, 50
SFP[55:48]
SFP
Special function pin operation is firmware
specific
22, 23, 24,
25, 26,
SFP[60:56]
SFP
Special function pin operation is firmware
specific.
Table 9: 100TQFP pin description
Pin
Pin name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com