Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STV0674T100 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STV0674T100
Description  Tri-mode CMOS digital camera co-processor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0674T100 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STV0674T100 Datasheet HTML 22Page - STMicroelectronics STV0674T100 Datasheet HTML 23Page - STMicroelectronics STV0674T100 Datasheet HTML 24Page - STMicroelectronics STV0674T100 Datasheet HTML 25Page - STMicroelectronics STV0674T100 Datasheet HTML 26Page - STMicroelectronics STV0674T100 Datasheet HTML 27Page - STMicroelectronics STV0674T100 Datasheet HTML 28Page - STMicroelectronics STV0674T100 Datasheet HTML 29Page - STMicroelectronics STV0674T100 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
Pinout and Pin Description
STV0674
26/35
5.2
Pin description
Table 9: 100TQFP pin description
Pin
Pin name
Type
Description
CLOCKS AND RESETS
40, 41
XTLI, XTLO
OSC
Crystal oscillator pad pair, see
Figure 16
57
RESET
I S
Reset input (Schmitt input level, active low)
POWER SUPPLIES
31, 94, 68
VDDC_1, VDDC_2, VDDC_3
PWR
Core power supply - 1V8
8, 82, 61, 42
VDDI_1, VDDI_2,VDDI_3, VDDI4
PWR
I/O power supply - 3v3
7, 93, 81, 67,
58, 43, 32
VSS_1, VSS_2, VSS_3,
VSS_4, VSS_5, VSS_6, VSS_7
GND
Common ground.
PLL POWER AND FILTER PINS
37
VDDP
PWR
Master and audio PLL supplies - 1V8
38
VSSP
GND
Master and audio PLL supplies - 0V
35
VC
ANA
Audio PLL filter, see
Figure 17
AUDIO FRONT-END (ADC) POWER
17
VDDA
PWR
Audio front end supply - 3v3
21
VSSA
GND
Audio front-end supply - 0v
SENSOR INTERFACE
9
SCLK
O
Camera clock (2mA CMOS)
10, 11, 12,
13, 14
SDATA[4:0]
I
5-bit sensor video data
15
SSDA
I/O
Sensor I2C data (Schmitt input level)
16
SSCL
O
Sensor I2C clock
USB INTERFACES
60
DP
I/O
USB differential D+
59
DN
I/O
USB differential D-
TEST PINS
39, 36, 34
TM[2:0]
I
Test mode pins - Must be pulled high
USER BUTTON INPUTS/WAKEUP
55
WAKEUP
I
Could be used as “wake-up” button on
SDRAM camera while untethered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com