Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STV8224A Datasheet(PDF) 4 Page - STMicroelectronics

Part # STV8224A
Description  MULTISTANDARD VIDEO AND SOUND IF SYSTEM WITH AUDIO AND VIDEO SWITCHES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8224A Datasheet(HTML) 4 Page - STMicroelectronics

  STV8224A Datasheet HTML 1Page - STMicroelectronics STV8224A Datasheet HTML 2Page - STMicroelectronics STV8224A Datasheet HTML 3Page - STMicroelectronics STV8224A Datasheet HTML 4Page - STMicroelectronics STV8224A Datasheet HTML 5Page - STMicroelectronics STV8224A Datasheet HTML 6Page - STMicroelectronics STV8224A Datasheet HTML 7Page - STMicroelectronics STV8224A Datasheet HTML 8Page - STMicroelectronics STV8224A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ELECTRICAL CHARACTERISTICS (continued)
(Tamb =25
°C, VCC = 9V, IF input = 10mVRMS sync level at B/G, Peak-white level at L,
Video modulation DSB, D = 90% at B/G, D = 95% at L, fPC = 38.9MHz, fSC = 33.4MHz,
Video BW = 5MHz, Sound carrier input : 5.5MHz, 10mVRMS,fM = 1kHz, Audio BW = 20kHz,
∆f= ±50kHz,
Volume attenuation = 0dB, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ. Max.
Unit
AGC CIRCUIT (L MODE)
I22CL
Charging Current
Note 3
2
3.3
4.5
mA
I22DL
Discharge Current
0.3
µA
I22CL+
Additional Charging Current
L in case of missing, VITS Pulses
and no White in Video Content
5
µA
Threshold Voltage Level for
Additional Charging Current
Refered to Pin 3
2.75
V
I22DL+
Additional Discharging Current
28
40
56
µA
Threshold Voltage Level for
Additional Discharging Current
Refered to Pin 3
2.25
V
TUNER AGC
I23
Maximum Sinked Current
1.5
2
2.5
mA
S23
Current Slope
R24 =5k
Ω
100
170
230
µA/dB
I23+
Maximum Tuner Plus Sinked Current
Note 6
40
mA
FM SOUND DEMODULATION
V8S
Input Sensitivity
-3dB FM detected signal
35
µV
R8
Limiter Input Resistance
1.2
k
Ω
AMR
Amplitude Modulation Rejection
Note 4
50
61
dB
SVR
Supply Voltage Rejection Ratio
Ripple signal : 100Hz, 0.5VPP
12
17
dB
V15
Detected Audio Output Signal
0.85
1.1
1.4
VRMS
THD
Total Harmonic Distortion
0.2
1
%
R15
Internal Deemphasis Resistor
600
750
900
Ω
S/N
Signal to Noise Ratio
Note 5, Weighted CCIR 468-4
50
55
dB
VOLUME CONTROL
VC Range
Control Range
See Figure 22
72
77
dB
AUDIO SWITCH
R16
Input Resistance
45
60
75
k
Ω
CRtk
Crosstalk
70
80
dB
EXTHD
THD on External Signal
VIN =2VRMS, Attenuation = 0dB
0.1
0.3
%
Notes : 3. Triggered on white level
4. AMR = 20 log
V15
(mVRMS)
VAM
(dB) where VAM = output amplitude in AM for fM = 1kHz and m = 30%
5.
S
N
= 20 log
V15
(mVRMS)
VN
(mVRMS
)
(dB)
6. Additional sinked current for large increasing steps of input signal when :
- Voltage Pin 22 > starting point defined Pin 24.
- Output signal (Pin 3) saturated (V3 < V BTH in BG mode, V3 > V WTH in L mode).
STV8224A
4/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com