Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PS2401 Datasheet(PDF) 1 Page - IXYS Corporation

Part # PS2401
Description  Zero-Crossing Detection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

PS2401 Datasheet(HTML) 1 Page - IXYS Corporation

  PS2401 Datasheet HTML 1Page - IXYS Corporation PS2401 Datasheet HTML 2Page - IXYS Corporation PS2401 Datasheet HTML 3Page - IXYS Corporation PS2401 Datasheet HTML 4Page - IXYS Corporation PS2401 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
INTEGRATED CIRCUITS DIVISION
PS2401
AC Power Switch
www.ixysic.com
DS-PS2401-R14
1
Part #
Description
PS2401
4-Pin (8-Pin Body) SIP Package (25/Tube)
Parameter
Rating
Units
AC Operating Voltage
240
V
rms
Load Current
1
A
rms
On-State Voltage Drop
(I
L=1Arms)
1.2
V
rms
Applications
Features
Description
Ordering Information
Pin Configuration
• Programmable Control
• Process Control
• Power Control Panels
• Remote Switching
• Gas Pump Electronics
• Contactors
• Large Relays
• Solenoids
• Motors
• Heaters
• Load Current up to 1A
rms (3Arms with heat sink)
• Blocking Voltages up to 500V
P
• 5mA Sensitivity
• Zero-Crossing Detection
• DC Control, AC Output
• Optically Isolated
• TTL and CMOS Compatible
• Low EMI and RFI Generation
• High Noise Immunity
• VDE compatible
• Machine Insertable, Wave Solderable
Approvals
• UL Recognized Component: UL 508 File E69938
• CSA Certified Component: File 043639
2
1
– LED + LED
AC Load
AC Load
8
6
ZC
The PS2401 is an AC Solid State Switch using optical
coupling with dual power SCR outputs to produce an
alternative to optocoupler and Triac circuits. The
PS2401 switches are robust enough to provide a
blocking voltage of up to 500V
P and max surge
current rating of 20A. In addition, tightly controlled
zero-cross circuitry ensures switching of AC loads
without the generation of transients. The input and
output circuits are optically coupled to provide
3750V
rms of isolation and noise immunity between
control and load circuits. As a result the PS2401
is well suited for industrial environments where
electromagnetic interference would disrupt the
operation of electromechanical relays.


Similar Part No. - PS2401

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PS2401 CLARE-PS2401 Datasheet
85Kb / 5P
AC Power Switch
PS2401 CLARE-PS2401 Datasheet
91Kb / 4P
AC Power Switch
PS2401 CLARE-PS2401 Datasheet
101Kb / 5P
AC Power Switch
logo
Powertip Technology
PS240128WRF POWERTIP-PS240128WRF Datasheet
445Kb / 27P
Standard Value
logo
Clare, Inc.
PS2401 CLARE-PS2401_1 Datasheet
91Kb / 4P
AC Power Switch
More results

Similar Description - PS2401

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KMOC3041 COSMO-KMOC3041_11 Datasheet
87Kb / 6P
Zero Crossing Optoisolators TRIAC
KMOC3051H COSMO-KMOC3051H Datasheet
86Kb / 6P
Zero Crossing Optoisolators TRIAC
logo
IXYS Corporation
PM1204 IXYS-PM1204 Datasheet
113Kb / 6P
Zero-Crossing Detection
PM1205 IXYS-PM1205 Datasheet
113Kb / 6P
Zero-Crossing Detection
PM1206 IXYS-PM1206 Datasheet
113Kb / 6P
Zero-Crossing Detection
PS1201 IXYS-PS1201 Datasheet
97Kb / 5P
Zero-Crossing Detection
PS2601 IXYS-PS2601 Datasheet
97Kb / 5P
Zero-Crossing Detection
PD2401 IXYS-PD2401 Datasheet
97Kb / 5P
Zero-Crossing Detection
PD2601 IXYS-PD2601 Datasheet
97Kb / 5P
Zero-Crossing Detection
CPC1966 IXYS-CPC1966 Datasheet
112Kb / 6P
Zero-Crossing Detection
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com