| Electronic Components Datasheet Search |
|
TDA8029HL/C1 Datasheet(PDF) 12 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TDA8029HL/C1 Datasheet(HTML) 12 Page - NXP Semiconductors |
|
12 / 58 page ![]() 2003 Oct 30 12 Philips Semiconductors Product specification Low power single card reader TDA8029 this mode. The Idle mode can be terminated either by any enabled interrupt (at which time the process is picked up at the interrupt service routine and continued), or by a hardware reset which starts the processor in the same manner as a Power-on reset. Power-down mode: To save even more power, a Power-down mode can be invoked by software. In this mode, the oscillator is stopped and the instruction that invoked Power-down is the last instruction executed. Either a hardware reset, external interrupt or reception on RX can be used to exit from Power-down mode. Reset redefines all the SFRs but does not change the on-chip RAM. An external interrupt allows both the SFRs and the on-chip RAM to retain their values. With INT0_N, INT1_N or RX, the bits in register IE must be enabled. Within the INT0_N interrupt service routine, the controller has to read out the Hardware Status Register (HSR @ 0Fh) and/or the UART Status register (USR @ 0Eh) by means of MOVX-instructions in order to know the exact interrupt reason and to reset the interrupt source. For enabling a wake up by INT1_N, the bit ENINT1 within UCR2 must be set. For enabling a wake up by RX, the bits ENINT1 and ENRX within UCR2 must be set. An integrated delay counter maintains internally INT0_N and INT1_N LOW long enough to allow the oscillator to restart properly, so a falling edge on pins RX, INT0_N and INT1_N is enough for awaking the whole circuit. Once the interrupt is serviced, the next instruction to be executed after RETI will be the one following the instruction that put the device into power-down. Table 3 External pin status during Idle and Power-down mode MODE PROGRAM MEMORY ALE PSEN_N PORT 0 PORT 1 PORT 2 PORT 3 Idle internal 1 1 data data data data external 1 1 float data address data Power-down internal 0 0 data data data data external 0 0 float data data data |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |