Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OFM-0200 Datasheet(PDF) 3 Page - Astrodyne Corporation

Part # OFM-0200
Description  20W Ultraminiature Open Frame Switching Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

OFM-0200 Datasheet(HTML) 3 Page - Astrodyne Corporation

  OFM-0200 Datasheet HTML 1Page - Astrodyne Corporation OFM-0200 Datasheet HTML 2Page - Astrodyne Corporation OFM-0200 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
20W Ultraminiature Open Frame Switching Power Supplies
OFM20 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
OUTPUT DERATING CURVE
MECHANICAL DIMENSIONS
Pin #
Single Outputs Dual Outputs
3
- Out
- Out
4
- Out
COM
5
+ Out
COM
6
+ Out
+ Out
.80 (20.32)
.150 (3.81)
3.200 (81.28)
3.50 (88.90)
100
90
80
70
60
50
40
30
20
10
0
0
10
20
30
40
50
60
70
Ambient Temperature °C
2615



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com