Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USBN9604SLB Datasheet(PDF) 39 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # USBN9604SLB
Description  Universal Serial Bus Full Speed Node Controller with Enhanced DMA Support
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

USBN9604SLB Datasheet(HTML) 39 Page - National Semiconductor (TI)

Back Button USBN9604SLB Datasheet HTML 35Page - National Semiconductor (TI) USBN9604SLB Datasheet HTML 36Page - National Semiconductor (TI) USBN9604SLB Datasheet HTML 37Page - National Semiconductor (TI) USBN9604SLB Datasheet HTML 38Page - National Semiconductor (TI) USBN9604SLB Datasheet HTML 39Page - National Semiconductor (TI) USBN9604SLB Datasheet HTML 40Page - National Semiconductor (TI) USBN9604SLB Datasheet HTML 41Page - National Semiconductor (TI) USBN9604SLB Datasheet HTML 42Page - National Semiconductor (TI) USBN9604SLB Datasheet HTML 43Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
7.0 Register Set (Continued)
39
www.national.com
A DMA request from a transmit endpoint is activated until the request condition clears. If DMOD is set to 0, DMA requests
are issued either until the firmware reads the respective Transmit Status (TXSx) register, thus resetting the TX_DONE bit,
or if the TX_LAST bit in the Transmit Command (TXCx) register is set by firmware. If DMOD is set to 1, DMA requests are
issued until the FIFO warning condition clears, either due to sufficient bytes being transferred to the endpoint, or if the
TX_DONE bit is set due to a transmission.
DMA requests from a receive endpoint are activated until the request condition clears. If DMOD is set to 0, DMA requests
are issued either until the firmware reads the respective Receive Status (RXSx) register, thus resetting the RX_LAST bit, or
if the endpoint FIFO becomes empty due to sufficient reads. If DMOD is set to 1, DMA requests are issued until the FIFO
warning condition clears, or if the endpoint FIFO becomes empty due to sufficient reads.
If DMOD is set to 0 and the endpoint and DMA are enabled, DMA requests are issued until the firmware reads the respective
TXSx or RXSx register, thus resetting the TX_DONE/RX_LAST bit. If DMOD is set to 1 and the endpoint and DMA are en-
abled, DMA requests are issued until the FIFO warning condition clears.
ADMA
Automatic DMA. Setting this bit automatically enables the selected receive or transmit endpoint. Before ADMA mode can be
enabled, the DEN bit in the DMA Control (DMACNTRL) register must be cleared. ADMA mode functions until any bit in the
DMA Event (DMAEV) register is set, except for NTGL. To initiate ADMA mode, all bits in the DMAEV register must be
cleared, except for NTGL.
For receive operations, the receiver is automatically enabled; when the packet is received, it is transferred via DMA to mem-
ory.
For transmit operations, the packet data is transferred via DMA from memory; then the transmitter is automatically enabled.
For ADMA operations, the DMOD bit is ignored. All operations proceed as if DMOD is set to 0.
When the device enters ADMA mode, any existing endpoint state may be lost. If there is already data in the FIFO, it is
flushed. The existing state of the RX_EN or TX_EN state may also change.
Clearing ADMA exits ADMA mode. DEN may either be cleared at the same time or later. If at the same time, all DMA oper-
ations cease immediately and firmware must transfer any remaining data. If later, the device completes any current DMA
operation before exiting ADMA mode (see the description of the DSHLT bit in the DMAEV register for more information).
DTGL
DMA Toggle. This bit is used to determine the initial state of ADMA operations. Firmware initially sets this bit to 1 if starting
with a DATA1 operation, and to a 0 if starting with a DATA0 operation.
Writes to this bit also update the NTGL bit in the DMAEV register.
IGNRXTGL
Ignore RX Toggle. If this bit is set, the compare between the NTGL bit in the DMAEV register and the TOGGLE bit in the
respective RXSx register is ignored during receive operations. In this case, a mismatch of both bits during a receive opera-
tion does not stop ADMA operation. If this bit is not set, the ADMA stops in case of a mismatch of the two toggle bits. After
reset, this bit is set to 0.
DEN
DMA Enable. This bit enables DMA mode when set. If this bit is reset and the current DMA cycle is completed (or was not
yet issued) the DMA transfer is terminated. When the device operates in serial interface mode (MODE1 pin is tied high) DMA
mode cannot be enabled, thus setting this bit has no effect. This bit is cleared on reset.
7.2.7
DMA Event Register (DMAEV)
The bits in this register are used with ADMA mode. Bits 0 to 3 may cause an interrupt if not cleared, even if the device is not
set to ADMA mode. Until all of these bits are cleared, ADMA mode cannot be initiated. Conversely, ADMA mode is automat-
ically terminated when any of these bits are set..
DSHLT
DMA Software Halt. This bit is set when ADMA operations have been halted by firmware. This bit is set only after the DMA
engine completes any necessary cleanup operations and returns to Idle state. The following conditions apply:
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
Reserved
NTGL
Reserved
DSIZ
DCNT
DERR
DSHLT
-0
-
0
0
0
-
r
-
CoW
CoW
CoW
CoW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com