Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2093-250-SM-RPLF Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 2093-250-SM-RPLF
Description  High Voltage 2-Electrode Gas Discharge Tube
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2093-250-SM-RPLF Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  2093-250-SM-RPLF Datasheet HTML 1Page - Bourns Electronic Solutions 2093-250-SM-RPLF Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Size: 6.2 mm diameter, 4.2 mm length
Surface mount device
High voltage range
Compact size
High insulation resistance
RoHS compliant*
UL Recognized
Applications
Telecommunications equipment
Industrial equipment/electronics
Consumer electronics
Characteristics
2093 Series High Voltage 2-Electrode Gas Discharge Tube
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Test Methods per ITU-T K.12 and IEC 61643-311.
Insulation Resistance (IR) (2)............................ 500/1000 Vdc....................................................> 1 G
Ω
Glow Voltage ................................................... 10 mA................................................................~ 60 V
Arc Voltage ...................................................... 1 A.....................................................................~ 15 V
Glow-Arc Transition Current .......................................................................................................< 1 A
Capacitance..................................................... 1 MHz ...............................................................< 0.8 pF
Impulse Discharge Current.............................. 5000 A, 8/20 µs.................................................1 operation
3000 A, 8/20 µs.................................................10 operations
Alternating Discharge Current ......................... 3 Arms, 50 Hz, 1 sec.........................................1 operation
10 Arms, 50 Hz, 9 cycles ..................................1 operation
Impulse Life ..................................................... 100 A, 10/1000 µs.............................................> 300 operations
Operating Temperature...............................................................................................................-30 to +85 °C
Storage Temperature..................................................................................................................-40 to +115 °C
Climatic Category (IEC 60068-1)................................................................................................40 / 90 / 21
Notes:
(2) Insulation Resistance measured at 1000 V for GDTs with > 2000 V DCBD.
• UL Recognized component, UL File E313168.
• At delivery AQL 0.65 Level II, DIN ISO 2859.
• Bourns recommends reflowing surface mount devices per IPC/JEDEC J-STD-020 rev D.
Characteristic
Model No.
2093-100
2093-120
2093-180
2093-200
2093-250
DC Sparkover ± 20 % @ 100 V/s
1000 V
1200 V
1800 V
2000 V
2500 V
Impulse Sparkover (1)
100V/
μs
1000V/
μs
< 1500 V
< 1600 V
< 1700 V
< 1800 V
< 2500 V
< 2600 V
< 2700 V
< 2800 V
< 3100 V
< 3200 V
Characteristic
Model No.
2093-270
2093-300
DC Sparkover ± 20 % @ 100 V/s
2700 V
3000 V
Impulse Sparkover (1)
100V/
μs
1000V/
μs
< 3300 V
< 3400 V
< 3600 V
< 3700 V
(1)
Impulse Sparkover voltage is defined as typical values of distribution.


Similar Part No. - 2093-250-SM-RPLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2093-250-SM-RPLF BOURNS-2093-250-SM-RPLF Datasheet
236Kb / 2P
High Voltage 2-Electrode Gas Discharge Tube
2093-250-SM-RPLF BOURNS-2093-250-SM-RPLF Datasheet
238Kb / 2P
High Voltage 2-Electrode Gas Discharge Tube
More results

Similar Description - 2093-250-SM-RPLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2089-100 BOURNS-2089-100 Datasheet
341Kb / 2P
High Voltage Mini-2-Electrode Gas Discharge Tube
2093-100 BOURNS-2093-100 Datasheet
236Kb / 2P
High Voltage 2-Electrode Gas Discharge Tube
2095-80 BOURNS-2095-80 Datasheet
284Kb / 2P
High Voltage 2-Electrode Gas Discharge Tube
logo
Socay Electornics Co., ...
UN2E8-1600L SOCAY-UN2E8-1600L Datasheet
418Kb / 4P
High Voltage 2-Electrode Gas Discharge Tube (GDT)
UN2E5-1000D SOCAY-UN2E5-1000D Datasheet
377Kb / 4P
High Voltage 2-Electrode Gas Discharge Tube (GDT)
UN2E8-1000LL SOCAY-UN2E8-1000LL Datasheet
416Kb / 4P
High Voltage 2-Electrode Gas Discharge Tube (GDT)
logo
Bourns Electronic Solut...
2087-80 BOURNS-2087-80_15 Datasheet
208Kb / 2P
High Voltage Mini-2-Electrode Gas Discharge Tube
2095-80 BOURNS-2095-80_15 Datasheet
237Kb / 2P
High Voltage 2-Electrode Gas Discharge Tube
2097-100 BOURNS-2097-100 Datasheet
164Kb / 2P
High-Voltage 2-Electrode Gas Discharge Tube
2093 BOURNS-2093 Datasheet
238Kb / 2P
High Voltage 2-Electrode Gas Discharge Tube
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com