Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM15325DA Datasheet(PDF) 7 Page - Union Semiconductor, Inc.

Part # UM15325DA
Description  Ultra Low Quiescent Current Linear Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM15325DA Datasheet(HTML) 7 Page - Union Semiconductor, Inc.

Back Button UM15325DA Datasheet HTML 3Page - Union Semiconductor, Inc. UM15325DA Datasheet HTML 4Page - Union Semiconductor, Inc. UM15325DA Datasheet HTML 5Page - Union Semiconductor, Inc. UM15325DA Datasheet HTML 6Page - Union Semiconductor, Inc. UM15325DA Datasheet HTML 7Page - Union Semiconductor, Inc. UM15325DA Datasheet HTML 8Page - Union Semiconductor, Inc. UM15325DA Datasheet HTML 9Page - Union Semiconductor, Inc. UM15325DA Datasheet HTML 10Page - Union Semiconductor, Inc. UM15325DA Datasheet HTML 11Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.07 Dec.2014
7/19
UM153xx/UM154xx
Absolute Maximum Ratings (Note 1)
Symbol
Parameter
Value
Unit
VIN
Supply Voltage on IN Pin
-0.3 to +6.5
V
VOUT
Voltage on OUT Pin
-0.3 to +6.5
V
VEN
Voltage on EN Pin
-0.3 to +6.5
V
TJ
Operating Junction Temperature (Notes 2, 3)
-40 to +125
°C
TSTG
Storage Temperature Range
-65 to +150
°C
TL
Lead Temperature for Soldering 10 seconds
+300
°C
Recommended Operating Conditions (Note 4)
Parameter
Value
Supply Input Voltage
2.2 V to 5.5V
Junction Temperature Range
-40°C to 125°C
Ambient Temperature Range
-40°C to 85°C
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be
impaired.
Note 2: The device is guaranteed to meet performance specifications from -40°C to +85°C.
Specifications over the -40°C to 125°C operating junction temperature range are
guaranteed by design, characterization and correlation with statistical process controls.
Note 3: This IC includes over temperature protection circuit inside that is intended to protect the
device during momentary overload conditions. Over temperature protection trip point is
around 160°C. Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
Note 4: The device is not guaranteed to function outside its operating conditions.
Internal Block Diagram
Current
Limit
Voltage
Reference
VIN
VOUT
GND
+
-
EN
On/Off
Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com