Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMN3190LDW Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN3190LDW
Description  Low On-Resistance
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3190LDW Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN3190LDW Datasheet HTML 1Page - Diodes Incorporated DMN3190LDW Datasheet HTML 2Page - Diodes Incorporated DMN3190LDW Datasheet HTML 3Page - Diodes Incorporated DMN3190LDW Datasheet HTML 4Page - Diodes Incorporated DMN3190LDW Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DMN3190LDW
Document number: DS36192 Rev. 4 - 2
2 of 5
www.diodes.com
September 2013
© Diodes Incorporated
DMN3190LDW
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 6) VGS = 10V
Steady
State
TA = +25°C
TA = +70°C
ID
1000
900
mA
T < 5s
TA = +25°C
TA = +70°C
ID
1300
1000
mA
Maximum Continuous Body Diode Forward Current (Note 5)
IS
0.5
A
Pulsed Drain Current (10µs pulse, duty cycle=1%)
IDM
2.0
A
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
TA = +25°C
PD
0.32
W
TA = +70°C
0.19
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RθJA
395
°C/W
T < 5s
320
Total Power Dissipation (Note 6)
TA = +25°C
PD
0.4
W
TA = +70°C
0.25
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RθJA
320
°C/W
T < 5s
250
Thermal Resistance, Junction to Case
RθJC
143
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
30
—
—
V
VGS = 0V, ID = 1mA
Zero Gate Voltage Drain Current
@TC = +25°C
IDSS
—
—
1
μA
VDS = 30V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±10
μA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(th)
1.5
—
2.8
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS(ON)
—
122
190
mΩ
VGS = 10V, ID = 1.3A
—
181
335
VGS = 4.5V, ID = 290mA
Forward Transfer Admittance
|Yfs|
—
0.7
—
mS
VDS = 10V, ID = 250mA
Diode Forward Voltage
VSD
—
—
1.2
V
VGS = 0V, IS = 250mA
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
—
87
—
pF
VDS = 20V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
—
17
—
pF
Reverse Transfer Capacitance
Crss
—
12
—
pF
Gate Resistance
Rg
—
69.8
—
Ω
f = 1MHz , VGS = 0V, VDS = 0V
Total Gate Charge (VGS = 4.5V)
Qg
—
0.9
—
nC
VDS = 10V, ID = 250mA
Total Gate Charge (VGS = 10V)
Qg
—
2.0
—
nC
Gate-Source Charge
Qgs
—
0.3
—
nC
Gate-Drain Charge
Qgd
—
0.3
—
nC
Turn-On Delay Time
tD(on)
—
4.5
—
ns
VDD = 30V, VGS = 10V,
RG = 10Ω, ID = 100mA
Turn-On Rise Time
tr
—
8.9
—
ns
Turn-Off Delay Time
tD(off)
—
30.3
—
ns
Turn-Off Fall Time
tf
—
15.6
—
ns
Notes:
5. Device mounted on FR-4 PCB, with minimum recommended pad layout.
6. Device mounted on 1” x 1” FR-4 PCB with high coverage 2oz. Copper, single sided.
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com