Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ECG003 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ECG003
Description  InGaP HBT Gain Block
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ECG003 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ECG003 Datasheet HTML 1Page - List of Unclassifed Manufacturers ECG003 Datasheet HTML 2Page - List of Unclassifed Manufacturers ECG003 Datasheet HTML 3Page - List of Unclassifed Manufacturers ECG003 Datasheet HTML 4Page - List of Unclassifed Manufacturers ECG003 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
September 2004
ECG003
InGaP HBT Gain Block
Product Information
The Communications Edge
TM
Typical Device RF Performance
(3)
Supply Bias = +9 V, Rbias = 16 Ω, Icc = 110 mA
Frequency
MHz
100
500
900
1900
2140
2400
3500
5800
S21
dB
21
21
20.4
19
18.7
18.2
17.4
14
S11
dB
-20
-19
-18
-16
-15
-13
-12
-6
S22
dB
-15
-14
-13
-10
-10
-8
-7
-3
Output P1dB
dBm
+24.4
+24.4
+24
+23
+22.5
+20.5
+18.7
12
Output IP3
dBm
+38
+39
+39
+36
+35
+34
+31
Noise Figure
dB
3.9
3.6
3.5
3.6
3.7
3.7
4.2
1. Test conditions: T = 25º C, Supply Voltage = +9 V, Device Voltage = 7.2 V, Rbias = 16
Ω, Icc = 110 mA typical, 50 Ω System.
2. 3OIP measured with two tones at an output power of +11 dBm/tone separated by 1 MHz. The suppression on the largest IM3 product is used to calculate the 3OIP using a 2:1 rule.
3. Data is shown as device performance only. Actual implementation for the desired frequency band will be determined by external components shown in the application circuit. The performance data does not
account for losses attributed to recommended input and output series resistances shown in the application circuit on page 3.
Gainvs. Frequency
14
16
18
20
22
500
1000
1500
2000
2500
3000
Frequency (MHz)
+25C
-40C
+85C
S11, S22 vs. Frequency
-25
-20
-15
-10
-5
0
01
2
3
4
5
6
Frequency (GHz)
S11
S22
Icc vs. Vde
0
20
40
60
80
100
120
140
0.0
2.0
4.0
6.0
8.0
10.0
Vde (V)
+25C
OIP3 vs. Frequency
25
30
35
40
45
500
1000
1500
2000
2500
3000
Frequency(MHz)
+25C
-40C
+85C
Noise Figure vs. Frequency
1.5
2
2.5
3
3.5
4
500
1000
1500
2000
Frequency(MHz)
P1dBvs. Frequency
10
15
20
25
30
500
1000
1500
2000
2500
3000
Frequency(MHz)
+25C
-40C
-85C
S-Parameters (Vdevice = +7.2 V, ICC = 110 mA, T = 25°C, calibrated to device leads)
Freq (MHz)
S11 (dB)
S11 (ang)
S21 (dB)
S21 (ang)
S12 (dB)
S12 (ang)
S22 (dB)
S22 (ang)
50
-20.36
-0.18
20.46
177.69
-23.19
-0.38
-13.95
-2.86
500
-19.29
-24.13
20.19
157.68
-23.08
-2.33
-13.44
-35.26
1000
-17.78
-51.50
19.84
136.88
-22.93
-4.52
-12.45
-68.47
1500
-16.23
-75.63
19.40
117.06
-22.61
-7.13
-11.26
-97.26
2000
-14.71
-98.28
19.06
97.71
-22.16
-9.76
-9.96
-123.04
2500
-13.16
-118.71
18.65
78.13
-21.61
-13.40
-8.82
-145.90
3000
-12.14
-139.91
18.23
59.26
-20.91
-17.67
-7.63
-167.85
3500
-11.24
-161.53
17.77
40.27
-20.11
-23.92
-6.59
171.00
4000
-10.30
174.59
17.32
20.70
-19.35
-31.44
-5.32
150.44
4500
-9.20
147.71
16.71
0.41
-18.62
-41.28
-4.19
128.81
5000
-7.76
120.30
15.97
-19.87
-18.16
-52.98
-3.10
107.78
5500
-6.63
92.76
14.85
-40.81
-18.05
-66.03
-2.28
87.09
6000
-5.54
70.28
13.49
-59.45
-18.34
-79.15
-1.78
67.70
Device S-parameters are available for download off of the website at: http://www.wj.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com