Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ECG003B Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ECG003B
Description  InGaP HBT Gain Block
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ECG003B Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ECG003B Datasheet HTML 1Page - List of Unclassifed Manufacturers ECG003B Datasheet HTML 2Page - List of Unclassifed Manufacturers ECG003B Datasheet HTML 3Page - List of Unclassifed Manufacturers ECG003B Datasheet HTML 4Page - List of Unclassifed Manufacturers ECG003B Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
September 2004
ECG003
InGaP HBT Gain Block
Product Information
The Communications Edge
TM
Recommended Application Circuit
Recommended Component Values
Reference
Frequency (MHz)
Designator
50
500
900
1900
2200
2500
3500
L1
820 nH
220 nH
68 nH
27 nH
22 nH
18 nH
15 nH
C1, C2, C4
.018 µF
1000 pF
100 pF
68 pF
68 pF
56 pF
39 pF
1. The proper values for the components are dependent upon the intended frequency of operation.
2. The component values in the table below are contained on the evaluation board to achieve optimal broadband
performance.
3. R2 and R3 are shown in the circuit diagram to avoid potential instabilities. The configuration shown above assures
of unconditional stability with the use of the device. It is expected that linearity parameters (OIP3 and P1dB) to
degrade about only 0.5 dB, while overall gain will be about 2 dB less than the performance shown in page 1 and 2 of
this datasheet. Input and output return loss is expected to improve with the use of the I/O series resistances at 2 GHz.
Ref. Desig.
Value / Type
Size
L1
39 nH wirewound inductor
0603
C1, C2
56 pF chip capacitor
0603
C3
0.018
µF chip capacitor
0603
C4
Do Not Place
R2
18
Ω chip resistor
0603
R3
4.7
Ω chip resistor
0603
R4
16
Ω 1% tolerance
2010
Recommended Bias Resistor Values
Supply
Voltage
R1 value
Size
9 V
16 ohms
2010
10 V
25 ohms
2512
12 V
44 ohms
2512
The proper value for R1 is dependent upon the supply
voltage and allows for bias stability over temperature.
WJ recommends a minimum supply bias of +9 V. A
1% tolerance resistor is recommended.
ECG003B-PCB Performance Data
(WJ’s evaluation board uses the circuit shown above.)
Gain
10
12
14
16
18
20
0123
4
Frequency (GHz)
Return Loss
-30
-20
-10
0
01
2
3
4
Frequency (GHz)
S11
S22
C1
Blocking
Capacitor
RF OUT
L1
RF Choke
C3
0.018 µF
R4
Bias
Resistor
RF IN
C4
Bypass
Capacitor
C2
Blocking
Capacitor
Vcc
Icc = 110 mA
ECG003B
R2
18
Ω
R3
4.7
Ω
R2
R3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com