Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RAC02-05SE/277/W Datasheet(PDF) 4 Page - Recom International Power

Part # RAC02-05SE/277/W
Description  2 Watt Single Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC02-05SE/277/W Datasheet(HTML) 4 Page - Recom International Power

  RAC02-05SE/277/W Datasheet HTML 1Page - Recom International Power RAC02-05SE/277/W Datasheet HTML 2Page - Recom International Power RAC02-05SE/277/W Datasheet HTML 3Page - Recom International Power RAC02-05SE/277/W Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DIMENSION and PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Case Material
Potting Material
UL94V-0, black plastic
UL94V-0, Epoxy
Package Dimension (LxWxH)
33.7 x 22.2 x 17.75mm
Package Weight
25g typ.
PACKAGING INFORMATION
Parameter
Type
Value
Packaging Dimension (LxWxH)
Cardboard Box
520 x 195 x 67mm
Packaging Quantity
30 pcs.
Storage Temperature Range
-40°C to +85°C
PA-4
REV.: 4/2016
www.recom-power.com
AC/DC Converter
Specifications (measured at TA= 25°C, nominal input voltage (115/230VAC), full load and after warm-up)
RAC02-SE/277/W
Series
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit written
consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
Bottom View
2
3
4
1
33.7
5.0
Ø1.56
Ø0.76
Ø2.36
Ø0.76
tc
18.0
embossed logo
Dimension Drawing (mm)
Wired Connections
Wired Color
Type
Wire Composition
Function
1, blue
UL-1015, AWG22
17/0.16
VAC in (N)
2, brown
UL-1015, AWG22
17/0.16
VAC in (L)
3, black
UL-1430, AWG22
17/0.16
-Vout
4, red
UL-1430, AWG22
17/0.16
+Vout
Tolerance: xx.x= ±0.5mm
xx.xx= ±0.35mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com