Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R-7312P Datasheet(PDF) 3 Page - Recom International Power

Part # R-7312P
Description  2, 3, 4 AMP SIP12 Vertical & Horizontal
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-7312P Datasheet(HTML) 3 Page - Recom International Power

  R-7312P Datasheet HTML 1Page - Recom International Power R-7312P Datasheet HTML 2Page - Recom International Power R-7312P Datasheet HTML 3Page - Recom International Power R-7312P Datasheet HTML 4Page - Recom International Power R-7312P Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
R-7xxxP_D
Series
INNOLINE
DC/DC-Converter
Characteristics
50
5
Ripple Vs Vin
Vo=9V
Vo=3.3V
Vo=5V
Vo=12V
25
Vin ( V )
10
15
20
25
28
Vo=6.5V
Vo=15V
( Vo )
100
5
Ripple Vs Vin
3.3V
5V
50
Vin ( V )
10
15
20
25
28
6.5V
( Vo )
R-72xx / R-73xx
Ripple VS Vin
R-74xx
Ripple VS Vin
100
5
Efficiency Vs Vin
3.3V
5V
50
Vin ( V )
10
15
20
25
28
6.5V
15V
( Vo )
100
5
Efficiency Vs Vin
Vo=3.3V
Vo=5V
50
Vin ( V )
10
15
20
25
28
Vo=6.5V
( Vo )
R-72xx / R-73xx
Efficiency VS Vin
R-74xx
Efficiency VS Vin
100
14
2
3
90
Efficiency Vs Iout (Vin=Min)
80
70
6.5V
3.3V
5.0V
( Vo )
100
14
2
3
90
Efficiency Vs Iout (Vin=Max)
80
60
15V
3.3V
5.0V
( Vo )
R-72xx / R-73xx / R-74xx
Efficiency / Load Vin=Min
R-72xx / R-73xx / R-74xx
Efficiency / Load Vin=Max
www.recom-power.com
I-57
REV: 2/2016



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com