Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMN10H170SVT Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DMN10H170SVT
Description  Low Gate Threshold Voltage
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN10H170SVT Datasheet(HTML) 5 Page - Diodes Incorporated

  DMN10H170SVT Datasheet HTML 1Page - Diodes Incorporated DMN10H170SVT Datasheet HTML 2Page - Diodes Incorporated DMN10H170SVT Datasheet HTML 3Page - Diodes Incorporated DMN10H170SVT Datasheet HTML 4Page - Diodes Incorporated DMN10H170SVT Datasheet HTML 5Page - Diodes Incorporated DMN10H170SVT Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DMN10H170SVT
Document number: DS37196 Rev. 2 - 2
5 of 6
www.diodes.com
February 2015
© Diodes Incorporated
DMN10H170SVT
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
t1, PULSE DURATION TIME (sec)
Figure 12 Transient Thermal Resistance
0.001
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Single Pulse
D = 0.005
D = 0.01
D = 0.02
D = 0.05
D = 0.1
D = 0.3
D = 0.5
D = 0.7
D = 0.9
Rthja(t) = r(t) * Rthja
Rthja = 101°C/W
Duty Cycle, D = t1/ t2
TSOT26
Dim
Min
Max
Typ
A

1.00
A1
0.01
0.10
A2
0.84
0.90
D
2.90
E
2.80
E1
1.60
b
0.30
0.45
c
0.12
0.20
e
0.95
e1
1.90
L
0.30
0.50
L2
0.25
θ
0°
8°
4°
θ1
4°
12°
All Dimensions in mm
c
A1
L
E1
E
A2
D
e1
e
6x b
4x 1

L2
A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com