Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPA1968B Datasheet(PDF) 7 Page - Murata Power Solutions Inc.

Part # MPA1968B
Description  Power Supply for LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

MPA1968B Datasheet(HTML) 7 Page - Murata Power Solutions Inc.

  MPA1968B Datasheet HTML 1Page - Murata Power Solutions Inc. MPA1968B Datasheet HTML 2Page - Murata Power Solutions Inc. MPA1968B Datasheet HTML 3Page - Murata Power Solutions Inc. MPA1968B Datasheet HTML 4Page - Murata Power Solutions Inc. MPA1968B Datasheet HTML 5Page - Murata Power Solutions Inc. MPA1968B Datasheet HTML 6Page - Murata Power Solutions Inc. MPA1968B Datasheet HTML 7Page - Murata Power Solutions Inc. MPA1968B Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
【Mounting】
・Please use the place at 50℃ or less around the PSU ambient.
・Please connect the thick and short wire to the FG terminal for safety and EMI.
・Please separate Input wire and Output wire surely.
・Please refer as follows about the recommended Wire for input, output and dimming.
 AC-intput wire:φ0.8-1.6mm,0.5-2.5m㎡ single wire (Strip length 9-10mm)
 LED Output wire/Dimming wire for DALI and PWM:
φ0.8-1.2mm,0.5-1.5m㎡ single wire (Strip length 9-10mm)
・Please fix a screw about the installation of the power supply more than one place
of one side. (more than two places in total)  (Screw hole:φ3.5×4、Φ4.5×2)
【Parallel Operation】
・Series Operation is not possible.
Product specification
MPA1968
 series
Power Supply for LED
Mounting method
pp
・For parallel operation, either method (1) or (2) is possible. But please caution as follows.
 *)PSU output [+] and [+] are connected in PSU. [-] are the same.
  Therefore this PSU are not 2 output.
Parallel 1:In a case of operating the plural LEDs for one power supply.
If LED Vf voltage are different, the current may be partial.
Please add a balance circuit not to become so.
Parallel 2:In a case of operating twe Power supplies for one LED.
The total current of two power supplies pass through in the LED.
And please confirm the leakage current as the system.
Product specification
7/8
MPA1968 series
PSU
Output
Terminal
LED Load
LED Load
PSU
Output
Terminal
PSU
Output
Terminal
LED Load



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com