Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMN53D0U Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN53D0U
Description  N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN53D0U Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN53D0U Datasheet HTML 1Page - Diodes Incorporated DMN53D0U Datasheet HTML 2Page - Diodes Incorporated DMN53D0U Datasheet HTML 3Page - Diodes Incorporated DMN53D0U Datasheet HTML 4Page - Diodes Incorporated DMN53D0U Datasheet HTML 5Page - Diodes Incorporated DMN53D0U Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMN53D0U
Document number: DS37098 Rev. 2 - 2
2 of 6
www.diodes.com
May 2014
© Diodes Incorporated
DMN53D0U
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain Source Voltage
VDSS
50
V
Gate-Source Voltage
Continuous
VGSS
±12
V
Drain Current (Note 5)
Continuous
Pulsed
ID
IDM
300
500
mA
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 5)
PD
520
mW
Thermal Resistance, Junction to Ambient (Note 5)
RθJA
246
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 6)
Drain-Source Breakdown Voltage
BVDSS
50
V
VGS = 0V, ID = 250µA
Zero Gate Voltage Drain Current
IDSS
1
µA
VDS = 50V, VGS = 0V
Gate-Body Leakage
IGSS
±10
µA
VGS = ±12V, VDS = 0V
ON CHARACTERISTICS (Note 6)
Gate Threshold Voltage
VGS(th)
0.4
1.0
V
VDS = VGS, ID = 250µA
Static Drain-Source On-Resistance
RDS(ON)
2.0
2.5
3.0
Ω
VGS = 5.0V, ID = 50mA
VGS = 2.5V, ID = 50mA
VGS = 1.8V, ID = 50mA
Source-Drain Diode Forward Voltage
VSD
1.4
V
VGS = 0V, IS =115mA
DYNAMIC CHARACTERISTICS (Note 7)
Input Capacitance
Ciss
37.1
pF
VDS = 25V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
8.4
pF
Reverse Transfer Capacitance
Crss
4.0
pF
Total Gate Charge
Qg
0.6
nC
VGS = 4.5V, VDS = 10V,
ID = 250mA
Gate-Source Charge
Qgs
0.1
nC
Gate-Drain Charge
Qgd
0.1
nC
Turn-On Delay Time
tD(on)
2.1
ns
VDD = 30V, VGS = 10V,
RG = 25Ω, ID = 200mA
Turn-On Rise Time
tr
2.8
ns
Turn-Off Delay Time
tD(off)
21
ns
Turn-Off Fall Time
tf
14
ns
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with thermal vias to bottom layer 1inch square copper plate
6. Short duration pulse test used to minimize self-heating effect.
7. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com