Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BAS19 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # BAS19
Description  Fast Switching Surface Mount Si-Planar Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BAS19 Datasheet(HTML) 1 Page - Diotec Semiconductor

  BAS19_15 Datasheet HTML 1Page - Diotec Semiconductor BAS19_15 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAS19 ... BAS21
BAS19 ... BAS21
Fast Switching Surface Mount Si-Planar Diodes
Schnelle Si-Planar-Dioden für die Oberflächenmontage
Version 2015-05-12
Dimensions - Maße [mm]
1 = A
2 = n.c./frei
3 = C
Power dissipation – Verlustleistung
250 mW
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
120...250 V
Plastic case
Kunststoffgehäuse
SOT-23
(TO-236)
Weight approx. – Gewicht ca.
0.01 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Maximum ratings (TA = 25°C)
Grenzwerte (TA = 25°C)
Type
Typ
Continuous reverse voltage
Dauersperrspannung
VR [V]
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V] 1)
BAS19
100
120
BAS20
150
200
BAS21
200
250
Power dissipation − Verlustleistung
Ptot
250 mW 2)
Max. average forward current (dc)
Dauergrenzstrom
IFAV
200 mA 1)
Repetitive peak forward current
Periodischer Spitzenstrom
IFRM
625 mA 1)
Non repetitive peak forward surge current
Stoßstrom-Grenzwert
tp ≤ 1 s
tp ≤ 1 µs
IFSM
IFSM
0.5 A
2.5 A
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
- 55...+150°C
- 55…+150°C
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
Forward voltage
Durchlass-Spannung
IF = 100 mA
IF = 200 mA
VF
VF
< 1.00 V
< 1.25 V
Leakage current
Sperrstrom
Tj = 25°C
Tj = 150°C
V = VR
IR
< 100 nA
V = VR
IR
< 100 µA
1
Tested with 100 µA pulses – Gemessen mit 100 µA-Impulsen
2
Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluss
© Diotec Semiconductor AG
http://www.diotec.com/
1
1.1
+0.1
0.4+0.1
2.9 ±0.1
1
2
3
Type
Code
1.9±0.1
-0.05
-0.2


Similar Part No. - BAS19_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BAS19 SECOS-BAS19_15 Datasheet
402Kb / 2P
Surface Mount Switching Diode
logo
SHENZHEN YONGERJIA INDU...
BAS19 WINNERJOIN-BAS19_15 Datasheet
86Kb / 2P
SWITCHING DIODE
logo
Diodes Incorporated
BAS19 DIODES-BAS19_15 Datasheet
90Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
Rev 21
logo
SEMTECH ELECTRONICS LTD...
BAS19 SEMTECH_ELEC-BAS19_15 Datasheet
160Kb / 2P
Silicon Epitaxial Planar Diodes
More results

Similar Description - BAS19_15

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BAL99 DIOTEC-BAL99 Datasheet
115Kb / 2P
Fast Switching Surface Mount Si-Planar Diodes
BAW56W DIOTEC-BAW56W Datasheet
115Kb / 2P
Fast Switching Surface Mount Si-Planar Double Diodes
LL4148 DIOTEC-LL4148_07 Datasheet
103Kb / 2P
Ultrafast Switching Surface Mount Si-Planar Diodes
BAS16 DIOTEC-BAS16_09 Datasheet
124Kb / 2P
Fast Switching Surface Mount Si-Planar Diodes
BAS19 DIOTEC-BAS19_11 Datasheet
118Kb / 2P
Fast Switching Surface Mount Si-Planar Diodes
LL4148 DIOTEC-LL4148_11 Datasheet
96Kb / 2P
Ultrafast Switching Surface Mount Si-Planar Diodes
BAS216WT DIOTEC-BAS216WT Datasheet
93Kb / 2P
Fast Switching Surface Mount Si-Planar Diodes
LL4148 DIOTEC-LL4148_13 Datasheet
97Kb / 2P
Ultrafast Switching Surface Mount Si-Planar Diodes
BAS16DW DIOTEC-BAS16DW Datasheet
126Kb / 2P
Fast Switching Surface Mount Si-Planar Diodes
BAS16DW DIOTEC-BAS16DW_15 Datasheet
126Kb / 2P
Fast Switching Surface Mount Si-Planar Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com