Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CPC1965Y Datasheet(PDF) 4 Page - IXYS Corporation

Part # CPC1965Y
Description  TTL and CMOS Compatible
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1965Y Datasheet(HTML) 4 Page - IXYS Corporation

  CPC1965Y Datasheet HTML 1Page - IXYS Corporation CPC1965Y Datasheet HTML 2Page - IXYS Corporation CPC1965Y Datasheet HTML 3Page - IXYS Corporation CPC1965Y Datasheet HTML 4Page - IXYS Corporation CPC1965Y Datasheet HTML 5Page - IXYS Corporation CPC1965Y Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R07
CPC1965Y
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
Temperature (ºC)
-40
-20
0
20
40
60
80
100
400
500
600
700
800
900
1000
1100
1200
Typical Maximum Load Current
vs. Temperature
Temperature (ºC)
-40
-20
0
20
40
60
80
100
750
800
850
900
950
1000
Typical Blocking Voltage
vs. Temperature
Temperature (ºC)
-40
-20
0
20
40
60
80
100
180
200
220
240
260
280
Typical Leakage vs. Temperature
(V
L=600VP)
Maximum Surge Current
(Non-Repetitive)
(T
J=50ºC max)
Pulse Duration (ms)
16
50
100
12
10
8
6
4
2
0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com